Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBL400 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. GBL400
Description  IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

GBL400 Datasheet(HTML) 2 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
DATE : AUG.29.2002
P.C.B MOUNTING T 0.47x0.47(12x12mm)
COPPER PADS 0.375(9.5mm)LEAD LENGTH
60Hz RESISTIVE OR INDUCTIVE
A
TEMPERATURE C
O
Fig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
RATING AND CHARACTERISTIC CURVES
HEAT-SINK
MOUNTING,T
(7.5 7.5 0.3 cm) THK
3.0x3.0x0.11 AL PLATE
C
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS PER ELEMENT
6.0
4.0
2.0
0
050
100
150
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
T =100 C
C
O
T=25 C
A
O
NO.OFCYCLESAT60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK
FORWARD SURGE CURRENT
T=105 C
A
O
REVERSE VOLTAGE, VOLTS
Fig. 5- TYPICL JUNCTION CAPACITANCE PER ELEMENT
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
O
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
150
120
90
60
30
0
1
2
6
10
20
40
60
100
400
100
50
10
1
5
10
50
100
50~400V
T=105 C
A
O


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn