Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1290801 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1290801
Description  Web panel - WP 6101-WXPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1290801 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1290801 Datasheet HTML 1Page - PHOENIX CONTACT 1290801 Datasheet HTML 2Page - PHOENIX CONTACT 1290801 Datasheet HTML 3Page - PHOENIX CONTACT 1290801 Datasheet HTML 4Page - PHOENIX CONTACT 1290801 Datasheet HTML 5Page - PHOENIX CONTACT 1290801 Datasheet HTML 6Page - PHOENIX CONTACT 1290801 Datasheet HTML 7Page - PHOENIX CONTACT 1290801 Datasheet HTML 8Page - PHOENIX CONTACT 1290801 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Mounting
Mounting type
Front mounting
Material specifications
Material front plate
Aluminum (natural anodized)
Housing material
Aluminum cast alloy, powder-coated
Ambient conditions
Degree of protection
IP66 (front), IP20 (back)
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-25 °C ... 60 °C
Permissible humidity (operation)
5 % ... 85 % (non-condensing)
Permissible humidity (storage/transport)
5 % ... 85 % (non-condensing)
Vibration (operation)
1g
Dimensions
External dimensions
Width / Height / Depth
263 mm / 200 mm / 51 mm (Dimensions of the front plate)
Installation dimensions
Width / Height / Installation depth
252 mm / 189 mm / (Installation cutout)
Web panel - WP 6101-WXPS
1290801
https://www.phoenixcontact.com/us/products/1290801
Nov 16, 2022, 7:16 AM
Page 3 (9)


Similar Part No. - 1290801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
   Web panel - WP 6070-WVPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
   Web panel - WP 6121-WXPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
   Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
   Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
   Web panel - WP 6215-WHPS
Nov 16, 2022
More results

Similar Description - 1290801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
   Web panel - WP 6121-WXPS
Nov 16, 2022
1190417 PHOENIX-1190417 Datasheet
278Kb / 9P
   Touch panel - TP 6101-WXPS
Dec 2, 2022
1148687 PHOENIX-1148687 Datasheet
189Kb / 5P
   Touch panel - WP 4101-WXPS
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
   Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
   Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
   Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
   Web panel - WP 6215-WHPS
Nov 16, 2022
1190420 PHOENIX-1190420 Datasheet
277Kb / 9P
   Touch panel - TP 6121-WXPS
Dec 2, 2022
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
   Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
   Web panel - BWP 2102W
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com