Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1001AF Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ER1001AF
Description  SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ER1001AF Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ER1001AF Datasheet HTML 1Page - Pan Jit International Inc. ER1001AF Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
ER1000F THRU ER1004F
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
12.5
10.0
7.5
5.0
2.5
0
.6
.7
.8
.9
1.0
1.1 1.2
1.3
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
TJ=25 C
O
PULSE WIDTH=200 S
m
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
1000
100
10
1.0
0.1
T = 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
80
70
60
50
40
30
20
10
1
2
5
10
20
50
100
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
5
10 20
50 100
80
70
60
50
40
30
0
200
500
20
50, 100, 150, 200V
300, 400V
T = 25 C
J
O
0


Similar Part No. - ER1001AF

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER1001AF TRSYS-ER1001AF Datasheet
149Kb / 3P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
ER1001AF WTE-ER1001AF Datasheet
48Kb / 3P
   10A ISOLATION SUPER-FAST GLASS PASSIVATED RECTIFIER
ER1001AF WTE-ER1001AF Datasheet
50Kb / 4P
   10A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Pan Jit International I...
ER1001AF PANJIT-ER1001AF Datasheet
39Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
ER1001AF PANJIT-ER1001AF Datasheet
92Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ER1001AF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1000CT PANJIT-ER1000CT Datasheet
57Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE- 50 to 400 Volts CURRENT- 10.0 Amperes)?
ER1000 PANJIT-ER1000 Datasheet
269Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE: 50 to 400 Volts CURRENT: 10.0 Amperes)
ER1000FCT PANJIT-ER1000FCT Datasheet
57Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 10.0 Amperes)
ER800 PANJIT-ER800 Datasheet
54Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER800F PANJIT-ER800F Datasheet
55Kb / 2P
   ISOLATION SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 400 Volts CURRENT - 8.0 Amperes)
ER300 PANJIT-ER300 Datasheet
66Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
ER200 PANJIT-ER200 Datasheet
67Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
ER500 PANJIT-ER500 Datasheet
62Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 5.0 Amperes)
logo
Yea Shin Technology Co....
SF21G YEASHIN-SF21G Datasheet
79Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE - 50 to 8 00 Volts CURRENT - 2.0 Amperes
logo
DAESAN ELECTRONIC CORP.
10A05 DAESAN-10A05 Datasheet
309Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com