Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YAT-0+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # YAT-0+
Description  Fixed Attenuator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-0+ Datasheet(HTML) 1 Page - Mini-Circuits

  YAT-0+ Datasheet HTML 1Page - Mini-Circuits YAT-0+ Datasheet HTML 2Page - Mini-Circuits YAT-0+ Datasheet HTML 3Page - Mini-Circuits YAT-0+ Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Exceptional Power Handling, Up to 2W
• Wide bandwidth, DC - 18 GHz
• Small Size, 2 mm x 2 mm
Product Overview
YAT attenuators (ROHS compliant) are fixed value, absorptive attenuators fabricated using highly repetitive
MMIC processing including thin film resistors on Silicon substrates. YAT attenuator die contain through-
wafer Cu metallization vias to realize low thermal resistance and wideband operation. YATs are available
with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20, and 30 dB. Packaged in tiny
2 mm x 2 mm MCLPTM package fits into tiny spaces.
Feature
Advantages
Wideband operation, DC to 18 GHz
Supports a wide array of applications including wireless cellular, microwave communi-
cations, satellite, defense and aerospace, medical broadband and optic applications.
Small Size and simple to use
(2 mm x 2 mm)
As a single chip solution, the YAT series occupies less board space than a “T” or “Pi” pad
configuration, and ensures repeatable performance over wide frequency ranges.
High Power, Up to 2W
High power handling in a small size package.
Wide range of nominal attenuation values
0 to 10 dB (in 1 dB steps), and 12, 15, 20,
and 30 dB
Small increment offering enables circuit designer to change attenuation values without
motherboard redesign making the YAT series ideal for select at test application.
MCLPTM Package
Low Inductance, repeatable transitions, excellent thermal path make the YAT series an
ideal solution as an alternative to “do it yourself” resistor based attenuators.
YAT-SERIES
Key Features
50Ω
Up to 2W
DC to 18 GHz
CASE STYLE: MC1630


Similar Part No. - YAT-0+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-0A MINI-YAT-0A Datasheet
5Mb / 13P
   Fixed Attenuator
YAT-0A++ MINI-YAT-0A+ Datasheet
5Mb / 13P
   Fixed Attenuator
More results

Similar Description - YAT-0+

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com