Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ393 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AZ393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ393 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ393 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393
1
Issue Date: Feb. 2003
Rev. 1.0
Advanced Analog Circuits
Data sheet
General Description
The AZ393 series consists of two independent preci-
sion voltage comparators with an offset voltage speci-
fication as low as 1mV. The input common mode
voltage range of these comparators includes ground,
even when operated from a single power supply volt-
age. Operation from split power supplies is also possi-
ble and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The AZ393 series is designed to directly interface with
TTL and CMOS.
The AZ393 series can be widely used in such applica-
tions as battery charger, cordless telephone, switching
power supply, DC-DC module and PC motherboard.
Features
·
Wide supply
- Voltage range: 2.0V to 18V
- Single or dual supplies:
±1.0V to ± 9V
·
Very low supply current drain: 0.4mA
- independent of supply voltage
·
Low input bias current: 25nA
·
Low input offset current:
±5nA
·
Low input offset voltage: 1mV
·
Input common mode voltage range that includes
ground
·
Differential input voltage range equal to the
power supply voltage
·
Low output saturation voltage: 250mV at 4mA
·
Open-collector output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
DIP-8
SOIC-8
Figure 1. Package Types of AZ393


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM193 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
MNLM193A-X LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More National Semiconductor (TI)
LM193JAN Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
AP393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More Anachip Corp
IL393N LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  List of Unclassifed Manufacturers
SL393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  System Logic Semiconductor
NTE943 Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1  2  3  4  5  NTE Electronics
LM2903 LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  More STMicroelectronics
LM139JAN Low Power Low Offset Voltage Quad Comparators 1  2  3  4  5  More National Semiconductor (TI)
TS372C LOW POWER DUAL CMOS VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn