Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ393 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. AZ393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ393 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  AZ393 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393
6
Issue Date: Feb. 2003
Rev. 1.0
Advanced Analog Circuits
Data sheet
Typical Applications
Figure 9. Basic Comparator
Figure 10. Driving CMOS/TTL
Figure 11. One Shot Multivibrator
1M
IN914
IN914
1M
1M
V
CC
V
O
10K
-
+
+V
IN
100pF
0.001pF
1/2 AZ393
75pF
100K
V
CC
4.3K
V
O
100K
100K
-
+
V
IN
1/2 AZ393
Figure 12. Squarewave Oscillator
+V
IN
+V
REF
1/2 AZ393
V
CC
3K
V
O
+
-
100K
+5.0V
DC
+
-
4
1/4 MM54CXX
8
1/2 AZ393


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM193 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
MNLM193A-X LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More National Semiconductor (TI)
LM193JAN Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
AP393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More Anachip Corp
IL393N LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  List of Unclassifed Manufacturers
SL393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  System Logic Semiconductor
NTE943 Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1  2  3  4  5  NTE Electronics
LM2903 LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  More STMicroelectronics
LM139JAN Low Power Low Offset Voltage Quad Comparators 1  2  3  4  5  More National Semiconductor (TI)
TS372C LOW POWER DUAL CMOS VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn