Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ393 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. AZ393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ393 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AZ393 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393
3
Issue Date: Feb. 2003
Rev. 1.0
Advanced Analog Circuits
Data sheet
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOIC-8
-40oC ~ 85oC
AZ393M
AZ393M
Tube/ Reel
DIP-8
AZ393P
AZ393P
Tube
Ordering Information
Absolute Maximum Ratings (Note 1)
(Operation temperature range applies unless otherwise specified.)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
20
V
Differential Input Voltage
VID
20
V
Input Voltage
VIN
-0.3
20
V
Input Current (VIN < -0.3V)
IIN
50
mA
Power Dissipation
PD
780
mW
Output Short -Circuit to Ground
Continuous
Operating Temperature
TA
-40
85
oC
Storage Temperature
TSTG
-65
165
oC
Lead Temperature (Soldering, 10 seconds)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operation Ratings " is not implied. Exposure to "Absolute Maximum Rat-
ings" for extended periods may affect device reliability.
Recommended Operation Ratings
Parameter
Min
Max
Unit
Supply Voltage
18
V
Operating Temperature Range
-40
85
oC


Similar Part No. - AZ393

ManufacturerPart No.DatasheetDescription
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393C BCDSEMI-AZ393C Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393CM BCDSEMI-AZ393CM Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393CM-E1 BCDSEMI-AZ393CM-E1 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393CMTR BCDSEMI-AZ393CMTR Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AZ393

ManufacturerPart No.DatasheetDescription
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
National Semiconductor (TI)
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Texas Instruments
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
ARTSCHIP ELECTRONICS CO.,LMITED.
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
BCD Semiconductor Manufacturing Limited
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
Shenzhen Luguang Electronic Technology Co., Ltd
Shenzhen Luguang Electr...
LM393 LUGUANG-LM393 Datasheet
267Kb / 3P
   Low Power Low Offset Voltage Dual Comparators
Taiwan Semiconductor Company, Ltd
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
LM293 KEXIN-LM293 Datasheet
102Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz