Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ393 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. AZ393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ393 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ393 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 2Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 3Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 4Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 5Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 6Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 7Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 8Page - List of Unclassifed Manufacturers AZ393 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393
2
Issue Date: Feb. 2003
Rev. 1.0
Advanced Analog Circuits
Data sheet
INPUT 2-
7
Figure 2. Pin Configuration of AZ393
Top View
Figure 3. Functional Block Diagram of AZ393
Pin Configuration
Functional Block Diagram
OUTPUT1
INPUT1-
INPUT1+
GND
OUTPUT 2
INPUT 2+
+INPUT
-INPUT
Q5
Q6
Q1
Q2
Q3
Q4
Q7
Q8
OUTPUT
V
CC
3.5µA
100µA
3.5µA
100
µA
2
3
4
6
5
SOIC-8/DIP-8
1
VCC
8
7
(Each Comparator)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM193 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
MNLM193A-X LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More National Semiconductor (TI)
LM193JAN Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
AP393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More Anachip Corp
IL393N LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  List of Unclassifed Manufacturers
SL393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  System Logic Semiconductor
NTE943 Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1  2  3  4  5  NTE Electronics
LM2903 LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  More STMicroelectronics
LM139JAN Low Power Low Offset Voltage Quad Comparators 1  2  3  4  5  More National Semiconductor (TI)
TS372C LOW POWER DUAL CMOS VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn