Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1616C Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC1616C
Description  8 x 128 x 16 CryptoMemory?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC1616C Datasheet HTML 1Page - ATMEL Corporation AT88SC1616C Datasheet HTML 2Page - ATMEL Corporation AT88SC1616C Datasheet HTML 3Page - ATMEL Corporation AT88SC1616C Datasheet HTML 4Page - ATMEL Corporation AT88SC1616C Datasheet HTML 5Page - ATMEL Corporation AT88SC1616C Datasheet HTML 6Page - ATMEL Corporation AT88SC1616C Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
AT88SC1616C
2030AS–09/01
Configuration
Zone
The configuration zone consists of 2048 bits of EEPROM memory used for storing passwords,
keys, codes and defining security levels to be used for each user zone. Access rights to the
configuration zone are defined in the control logic and may not be altered by the user.
Security Fuses
There are three fuses on the device that must be blown during the device personalization pro-
cess. Each fuse locks certain portions of the configuration zone as OTP memory. Fuses are
designed for the module manufacturer, card manufacturer and card issuer and should be
blown in sequence, although all programming of the device and blowing of the fuses may be
performed at one final step.
Table 3. Configuration Zone
Component
Address
Answer to Reset
$00
Fab Code
Memory Test Zone
Card Manufacturers Code
Lot History Code
Identification Number
$18
Device Configuration Register
Access Registers
Password/Key Registers
Authentication Attempts Counters
$50
Cryptograms
Session Encryption Keys
Secret Seeds
$90
Password Attempts Counters
$B0
Write Passwords
Read Passwords
Reserved
$F0


Similar Part No. - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C ATMEL-AT88SC1616C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
404Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
209Kb / 20P
   CryptoMemory 16 Kbit
More results

Similar Description - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C56 STMICROELECTRONICS-ST93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
ATMEL Corporation
AT93C56A ATMEL-AT93C56A_08 Datasheet
442Kb / 21P
   Three-wire Serial EEPROM 2K (256 x 8 or 128 x 16) 4K (512 x 8 or 256 x 16)
AT93C66B-SSHM-T ATMEL-AT93C66B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56B-SSHM-T ATMEL-AT93C56B-SSHM-T Datasheet
854Kb / 21P
   3-wire Serial EEPROM 2K (256 x 8 or 128 x 16) and 4K (512 x 8 or 256 x 16)
AT93C56A ATMEL-AT93C56A Datasheet
167Kb / 18P
   3-wire Serial EEPROMs 2K (256 x 8 or 128 x 16)
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
ATMEL Corporation
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com