Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQW210HL Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part No. AQW210HL
Description  GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW210HL Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQW210HL Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AQW210HL
110
1
2
3
4
8
7
6
5
PhotoMOS
RELAYS
GU (General Use) Type
2-Channel (Form A)
Current Limit Function Type
3.2
.126
6.4
.252
9.86
.388
2.9
.114
6.4
.252
9.86
.388
FEATURES
1. Current Limit Function
To control an over current from flowing,
the current limit function has been real-
ized. It keeps an output current at a con-
stant value when the current reaches a
specified current limit value.
2. Enhancing the capability of surge re-
sistance between output terminals
The current limit function controls the ON
time surge current to enhance the capa-
bility of surge resistance between output
terminals.
3. Reinforced insulation 5,000 V type
More than 0.4 mm internal insulation dis-
tance between inputs and outputs. Con-
forms to EN41003, EN60950 (reinforced
insulation).
4. Compact 8-pin DIP size
The device comes in a compact (W)6.4
×
(L)9.86
× (H) 3.2mm (W).252× (L).388 ×
(H).126inch, 8-pin DIP size (through hole
terminal type)
5. Applicable for 2 Form A use as well
as two independent 1 Form A use.
6. Controls low-level analog signals
7. High sensitivity, high speed re-
sponse.
Can control a maximum 0.12 A load cur-
rent with a 5 mA input current. Fast oper-
ation speed of 0.5ms (typ.)
8. Low-level off state leakage current
TYPICAL APPLICATIONS
• Telephone equipment
• Modem
TYPES
*Indicate the peak AC and DC values.
Note:
For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
Type
I/O isolation
voltage
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and
reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
type
Reinforced
5,000 V AC
350 V
120 mA
AQW210HL
AQW210HLA
AQW210HLAX
AQW210HLAZ
1 tube contains
40 pcs.
1 batch contains
400 pcs.
1,000 pcs.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW210HL(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
350 V
Continuous load current
IL
0.1 A (0.12 A)
( ): in case of using only 1 channel
Peak AC, DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolatiom voltage
Viso
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
mm inch
TESTING


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AQY210LS GU General Use Type SOP Series 1-Channel Form A Current Limit Function 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQW210EH GU General Use -E Type 2-Channel Form A Type 1  2  3  Nais(Matsushita Electric Works)
AQW614 GU General Use Type [2-Channel Form A Form B Type] 1  2  3  Nais(Matsushita Electric Works)
AQY210EH GU General Use -E Type 1-Channel Form A 4-pin Type 1  2  3  Nais(Matsushita Electric Works)
AQY14 GU General Use Type SOP Series 1- Channel Form B 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQV210E GU General Use -E Type [1-Channel Form A Type] 1  2  3  List of Unclassifed Manufacturers
AQW212 GU General Use Type [2-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
AQV212 GU General Use Type [1-Channel Form A Type] 1  2  3  4  Nais(Matsushita Electric Works)
AQY210 GU General Use Type SOP Series 1- Channel Form A 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQW414 GU General Use Type [2-Channel Form B Type] 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn