Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AQW210HL Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part No. AQW210HL
Description  GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW210HL Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQW210HL Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW210HL Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQW210HL
112
4. Turn off time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max.(DC);
Continuous load current: Max.(DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Load voltage: Max.(DC);
Continuous load current: Max.(DC)
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: Max.(DC);
Continuous load current: Max.(DC)
Ambient temperature,
°C
0
0.05
0.1
0.15
0.2
0.3
–20
–40
0.25
020
40
60
80 85
Ambient temperature,
°C
0
1
2
3
4
–20
–40
5
020
40
60
80 85
Ambient temperature,
°C
0
1
2
3
4
–40
–20
5
020
40
60
80 85
7. LED dropout voltage vs. ambient tempera-
ture characteristics
LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
0
–40 –20
20
40
60
80 85
Ambient temperature,
°C
1.5
1.4
1.3
1.2
1.1
1.0
0
50mA
30mA
20mA
10mA
5mA
5
3
1
–5
–3
140
120
60
40
20
–20
–40
–60
–80
–100
–120
–140
100
80
–2
–4
24
–1
Voltage, V
Load voltage, V
10
–3
10
–6
10
–9
10
–12
0
60
100
20
40
80
10. LED forward current vs. turn on time char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max.(DC); Continuous load current:
Max.(DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. turn off time char-
acteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max.(DC); Continuous load current:
Max.(DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
LED forward current, mA
0
0.5
1
1.5
2
3
2.5
10
20
30
40
50
60
LED forward current, mA
0
0.05
0.1
10
020
30
40
0.2
50
60
0.15
Applied voltage, V
0
50
40
30
20
10
10
20
30
40
50
0
What is current limit
When a load current reaches the speci-
fied output control current, a current limit
function works against the load current to
keep the current a constant value.
The current limit circuit built into the Pho-
toMOS relay thus controls the instanta-
neous load current to effectively ensure
circuit safety.
This safety feature protects circuits down-
stream of the PhotoMOS relay against
over-current.
But, if the current-limiting feature is used
longer than the specified time, the Photo-
MOS relay can be destroyed. Therefore,
set the output loss to the max. rate or less.
• Comparison of output voltage and output
current characteristics
V-I Characteristics
Output voltage
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AQY210LS GU General Use Type SOP Series 1-Channel Form A Current Limit Function 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQW210EH GU General Use -E Type 2-Channel Form A Type 1  2  3  Nais(Matsushita Electric Works)
AQW614 GU General Use Type [2-Channel Form A Form B Type] 1  2  3  Nais(Matsushita Electric Works)
AQY210EH GU General Use -E Type 1-Channel Form A 4-pin Type 1  2  3  Nais(Matsushita Electric Works)
AQY14 GU General Use Type SOP Series 1- Channel Form B 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQV210E GU General Use -E Type [1-Channel Form A Type] 1  2  3  List of Unclassifed Manufacturers
AQW212 GU General Use Type [2-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
AQV212 GU General Use Type [1-Channel Form A Type] 1  2  3  4  Nais(Matsushita Electric Works)
AQY210 GU General Use Type SOP Series 1- Channel Form A 4-Pin Type 1  2  3  Nais(Matsushita Electric Works)
AQW414 GU General Use Type [2-Channel Form B Type] 1  2  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn