Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT7361ITS-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT7361ITS-T1
Description  20V P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT7361ITS-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT7361ITS-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT7361ITS-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT7361ITS-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT7361ITS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT7361ITS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT7361ITS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AAT7361
20V P-Channel Power MOSFET
7361.2005.04.1.0
5
Ordering Information
Package Information
TSOPJW-8
All dimensions in millimeters.
0.65 BSC 0.65 BSC 0.65 BSC
0.325
± 0.075
3.025
± 0.075
0.055
± 0.045
0.010
7
°
0.04 REF
0.45
± 0.15
2.75
± 0.25
Package
Marking1
Part Number (Tape and Reel)2
TSOPJW-8
JYXYY
AAT7361ITS-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in
BOLD.


Similar Part No. - AAT7361ITS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
AAT7301-S-T AAT-AAT7301-S-T Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
logo
Advanced Analog Technol...
AAT7357 AAT-AAT7357 Datasheet
195Kb / 6P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
195Kb / 6P
   20V P-Channel Power MOSFET
More results

Similar Description - AAT7361ITS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com