Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP300 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CP300
Description  SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP300 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CP300 Datasheet HTML 1Page - Pan Jit International Inc. CP300 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP300 THRU CP3010
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
VOLTAGE - 50 to 1000 Volts
CURRENT - 3.0 Amperes
Recongnized File #E111753
FEATURES
l
Surge overload rating—50 Amperes peak
l
Low forward voltage drop and reverse leakage
l
Small size, simple installation
l
Plastic package has Underwriter Laboratory
Flammability Classification 94V-O
l
Reliable low cost construction utilizing molded
plastic technique
MECHANICAL DATA
Terminals: Leads solderable per MIL-STD-202,
Method 208
Weight: 0.08 ounce, 2.5 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
At 25 ¢J ambient temperature unless otherwise noted; resistive or inductive load at 60Hz.
CP300
CP301
CP302
CP304
CP306
CP308
CP3010 UNITS
Max Recurrent Peak Rev Voltage
50
100
200
400
600
800
1000
V
Max Bridge Input Voltage RMS
35
70
140
280
420
560
700
V
Max Average Rectified Output at TC=50 ¢J *
See Fig.2
at TA=25 ¢J **
3.0
2.0
A
Peak One Cycle Surge Overload Current
50
A
Max Forward Voltage Drop per element at
1.5A DC & 25 ¢J .
See Fig.3
1.0
V
Max Rev Leakage at Rated DC Blocking
Voltage per element at 25 ¢J
See Fig.4
at 100 ¢J
10.0
1.0
£g A
mA
I
2t Rating for fusing ( t<8.3ms)
15.0
A
2Sec
Typical Junction capacitance per leg(Note 4)CJ
21.0
PF
Typical Thermal Resistance per leg(Note 2) R £KJA
(Note 3) R £KJL
12.0
8.0
¢J /W
Operating Temperature Range
-55 TO +125
¢J
Storage Temperature Range
-55 TO +150
¢J
NOTES:
1.
Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for
maximum heat transfer with #6 screw.
2.
Unit mounted on 4.0 ¡Ñ 4.0 ¡Ñ 0.11” thick (10.5 ¡Ñ 10.5 ¡Ñ 0.3cm) AL. Plate.
3.
Unit mounted on P.C.B at 0.375”(9.5mm) lead length with 0.5 ¡Ñ 0.5” (12 ¡Ñ 12mm) copper pads.
4.
Measured at 1 MHz and applied reverse voltage of 4.0 Volts.
CP-3


Similar Part No. - CP300

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
List of Unclassifed Man...
CP300H ETC2-CP300H Datasheet
90Kb / 1P
   Rechargeable Ni-MH Button
More results

Similar Description - CP300

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
Pan Jit International I...
CP600 PANJIT-CP600 Datasheet
32Kb / 2P
   VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
Transys Electronics
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
Kingtronics Internation...
D3UB05-THRU-D3UB100 KINGTRONICS-D3UB05-THRU-D3UB100 Datasheet
392Kb / 2P
   Single Phase 3.0 AMPS.Glass Passivated Bridge Rectifiers Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com