Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1265 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part No. AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT1265 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Absolute Maximum Ratings
Thermal Characteristics1
Symbol
Description
Value
Units
θJA
Maximum Thermal Resistance
160
°C/W
PD
Maximum Power Dissipation
625
mW
Symbol
Description
Value
Units
VN
VIN, OUT, VCC, EN, LX to GND
-0.3 to 6.0
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT1265
Low Voltage 2MHz Step-Up DC/DC
Converter in SC70JW Package
1265.2006.05.1.1
3
1. Mounted on an FR4 board.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2621Low Input Voltage Step-Up DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
SC1631LOW VOLTAGE STEP-UP DC-DC CONVERTER 1 2 3 4 5 MoreSemtech Corporation
MAX1947Low Input/Output Voltage Step-Up DC-DC Converter with RESET 1 2 3 4 5 MoreMaxim Integrated Products
AIC1640LOW VOLTAGE STEP-UP DC/DC CONVERTER 1 2 Analog Intergrations Corporation
SC1633LOW VOLTAGE STEP-UP DC-DC CONVERTER 1 2 3 4 5 MoreSemtech Corporation
M62216FPLow Voltage Operation STEP-UP DC-DC Converter 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
AIC1641LOW VOLTAGE STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TK65015STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR 1 2 3 4 5 MoreTOKO, Inc
LM3670Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits 1 2 3 4 5 MoreNational Semiconductor (TI)
ST6208LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn