Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1265 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part No. AAT1265
Description  Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1265 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1265 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1265 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Descriptions
Pin Configuration
SC70JW-8
(Top View)
EN
VIN
LX
GND
GND
GND
OUT
VCC 1
2
3
45
6
7
8
Pin #
Symbol
Function
1
VCC
Bias supply voltage after start-up and feedback to the output voltage error amplifier.
2
EN
Enable pin. Logic high enables the IC. Logic low disables the IC and disconnects the
load from the input. Shutdown current is <1µA.
3
VIN
Battery input voltage. Supplies the IC at start-up.
4
LX
Inductor connection. Ties to the drains of the P-channel synchronous rectifier and the
N-channel MOSFET switch.
5
OUT
Boost converter output voltage; connects to the P-channel synchronous MOSFET
source. Bypass with ceramic capacitor to GND.
6, 7, 8
GND
Signal and power ground. Connect output capacitor return.
AAT1265
Low Voltage 2MHz Step-Up DC/DC
Converter in SC70JW Package
2
1265.2006.05.1.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2621Low Input Voltage Step-Up DC-DC Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
SC1631LOW VOLTAGE STEP-UP DC-DC CONVERTER 1 2 3 4 5 MoreSemtech Corporation
MAX1947Low Input/Output Voltage Step-Up DC-DC Converter with RESET 1 2 3 4 5 MoreMaxim Integrated Products
AIC1640LOW VOLTAGE STEP-UP DC/DC CONVERTER 1 2 Analog Intergrations Corporation
SC1633LOW VOLTAGE STEP-UP DC-DC CONVERTER 1 2 3 4 5 MoreSemtech Corporation
M62216FPLow Voltage Operation STEP-UP DC-DC Converter 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
AIC1641LOW VOLTAGE STEP-UP DC/DC CONVERTER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TK65015STEP-UP VOLTAGE CONVERTER WITH VOLTAGE MONITOR 1 2 3 4 5 MoreTOKO, Inc
LM3670Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits 1 2 3 4 5 MoreNational Semiconductor (TI)
ST6208LLOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn