Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1156 Datasheet(PDF) 14 Page - Advanced Analogic Technologies

Part # AAT1156
Description  1MHz 700mA Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1156 Datasheet(HTML) 14 Page - Advanced Analogic Technologies

Back Button AAT1156 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1156 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Ordering Information
Package Information
Pin 1 Dot By Marking
3.000
± 0.05
0.500
± 0.05
Pin 1 Identification
0.203
± 0.0254
0.230
± 0.05
Top View
Bottom View
Side View
1
13
5
9
Output Voltage
Package
Marking
1
Part Number (Tape and Reel)
2
0.6V (Adj V
OUT ≥ 0.8V)
QFN33-16
LUXYY
AAT1156IVN-T1
AAT1156
1MHz 700mA Step-Down DC-DC Converter
14
1156.2005.11.1.2
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.


Similar Part No. - AAT1156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1156IVN-T1 ANALOGICTECH-AAT1156IVN-T1 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
More results

Similar Description - AAT1156

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Infineon Technologies A...
TLD5045EJ INFINEON-TLD5045EJ_15 Datasheet
736Kb / 30P
   700mA High Integration - DC/DC Step-Down Converter
Revision 1.0 2015-05-28
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com