Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1160 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT1160
Description  Step Up Current Mode PWM Converter with 41 Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1160 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT1160 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1160 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 6 of 14
V 1.0
AAT1160
Electrical Characteristics, VDD= 3V, FREQ=GND, VDD1= 10V
VCOM and Gamma Buffer Performance
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Supply Rejection
Ratio
PSRR
DD1
V
from
6.5V
to
13.5V
-
80
-
dB
Supply Current
VDD
I
-
1.5
-
mA
VCOM and Gamma Buffer Input Characteristics
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
OS
V
+
CIN
V
or
4
~
GI1
V=5V
-
2
12
mV
Input Bias Current
B2
I
+
CIN
V
or
4
~
GI1
V=5V
-
2
50
nA
VCOM and Gamma Buffer AC Characteristics
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Slew Rate [Note 1]
SR
+
CIN
V
or
4
~
GI1
V=
2V to 8V, 20% to
80%
-
12
-
s
V
µ
Settling Time
S
t
+
CIN
V
or
4
~
GI1
V=
4.5V to 5.5V 0.1%
+
CIN
Vor
4
~
GI1
V=
5.5V to 4.5V 0.1%
-
5
-
s
µ
Note 1: Slew rate is measured on rising and falling edges.


Similar Part No. - AAT1160

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1160IRN-0.6-T1 ANALOGICTECH-AAT1160IRN-0.6-T1 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1160

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3508 SEAWARD-SE3508 Datasheet
537Kb / 7P
   1MHz, 5A Step-up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6293 FEELING-FP6293 Datasheet
659Kb / 13P
   1MHz, 3.5A Step-Up Current Mode PWM Converter
logo
SHOUDING Shouding Semic...
SX1301 SHOUDING-SX1301 Datasheet
2Mb / 8P
   1MHz 2A Step-Up Current Mode PWM Converter
SD6372 SHOUDING-SD6372 Datasheet
1Mb / 9P
   1MHz, 2A Step-Up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Seaward Electronics Inc...
SE3507 SEAWARD-SE3507 Datasheet
441Kb / 7P
   1MHz, 2.5A Step-up Current Mode PWM Converter
logo
SHOUDING Shouding Semic...
SD6271 SHOUDING-SD6271 Datasheet
426Kb / 9P
   1MHz, 2A Step-Up Current Mode PWM Converter
logo
Feeling Technology Corp...
FP6291 FEELING-FP6291 Datasheet
361Kb / 11P
   1MHz, 2.5A Step-Up Current Mode PWM Converter
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
   Low-Noise 4.5A Step-Up Current Mode PWM Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com