Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

POG5HN Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # POG5HN
Description  CHIP TIMMER POTENTIOMETTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

POG5HN Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button POG5HN Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. POG5HN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
R82E2.pdf 97.09.29
This is the PDF file of catalog No.R82E-2.
(1)
(2)
(3)
4.0
2.0 0.2
0.7
0.75
0.55 0.1
0.35 0.1 Depth
0.6
0.85
1.8
0.85
1.7
3.8
1.5
14
M
1.7
(2)
(1)
(3)
1.6
1.1
1.1
1.2
2.4
: 1.5
: 0.6
: 0.5
Diameter
Slot width
Slot depth
5.0
3-0.8
3-0.7
Electric adjustment section
0.2
2.5
(1)
(3)
(2)
1.2
2.4
3-0.7
4.9
3-0.9
(1)
(3)
(2)
1.5
0.6
0.5
Diameter :
Slot width :
Slot depth :
Electric adjustment section
POG5ANtype
POG5HNtype
RVG4M08/58
2.5
3-1.3
(1)
(3)
(2)
3-1.6
4.0
(1)
(3)
(2)
Standard tolerance: 0.3
(
in mm)
Standard tolerance: 0.3
(
in mm)
Standard tolerance: 0.3
(
in mm)
Standard tolerance: 0.1
(
in mm)
Standard tolerance: 0.1
(
in mm)
Standard tolerance: 0.1
(
in mm)


Similar Description - POG5HN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8044F TOSHIBA-TA8044F Datasheet
330Kb / 8P
   3.3V/5V DUAL-VOLTAGE REGULATOR WITH WATCHDOG TIMMER
logo
Murata Manufacturing Co...
LQM18PN1R0MFHD MURATA1-LQM18PN1R0MFHD Datasheet
310Kb / 8P
   CHIP COILS (CHIP INDUCTORS)
logo
Jingjing Microelectroni...
EG7335 EGMICRO-EG7335 Datasheet
798Kb / 8P
   Special Chip FluIdIzer chip
logo
Murata Manufacturing Co...
DFE21CCNR47MELL MURATA1-DFE21CCNR47MELL Datasheet
392Kb / 9P
   CHIP COIL(CHIP INDUCTORS)
LQH2HNHR56K03L MURATA1-LQH2HNHR56K03L Datasheet
564Kb / 10P
   Chip Coil (Chip Inductors)
logo
Nanjing Qinheng Microel...
CH330 WCH-CH330 Datasheet
108Kb / 3P
   Chip
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
Murata Manufacturing Co...
LQP03TN27NJ00D MURATA-LQP03TN27NJ00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
LQP03TN4N3H00D MURATA-LQP03TN4N3H00D Datasheet
28Kb / 2P
   Chip Inductors (Chip Coils)(SMD)
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com