Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT404ALT1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. MMBT404ALT1
Description  Chopper Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

MMBT404ALT1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
O1–1/2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
– 35
Vdc
Collector–Base Voltage
V CBO
– 40
Vdc
Emitter–Base Voltage
V EBO
– 25
Vdc
Collector Current — Continuous
I C
– 150
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board,(1)
P D
225
mW
T A =25 °C
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
MMBT404ALT1 = 2N
ELECTRICAL CHARACTERISTICS (T A = 2
5°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
– 35
Vdc
(I C = –10 mAdc, I B = 0)
Collector– Emitter Breakdown Voltage
V (BR)CBO
– 40
Vdc
(I C = –10
µAdc, I
E = 0)
Emitter–Base Breakdown Voltage
V (BR)EBO
– 25
Vdc
(I E = –10
µAdc, I
C = 0)
Collector Cutoff Current
I CBO
–100
nAdc
(V CE = –10Vdc, I E = 0)
Emitter Cutoff Current
I EBO
–100
nAdc
(V EB= –10Vdc, I C = 0)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Chopper Transistor
PNP Silicon
MMBT404ALT1
CASE 318–08, STYLE 6
SOT– 23
(TO–236AB)
2
EMITTER
3
COLLECTOR
1
BASE
1
3
2


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn