Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2304S-2I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2304S-2I
Description  ZERO DELAY, LOW SKEW BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2304S-2I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2304S-2I Datasheet HTML 1Page - Integrated Circuit Systems MK2304S-2I Datasheet HTML 2Page - Integrated Circuit Systems MK2304S-2I Datasheet HTML 3Page - Integrated Circuit Systems MK2304S-2I Datasheet HTML 4Page - Integrated Circuit Systems MK2304S-2I Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MK2304-2
MDS 2304-2 C
1
Revision 050306
Integrat ed Circuit Systems 525 Race Stre et, San Jo se, CA 9 5126 te l (40 8 ) 2 97-12 01 www.ics t.co m
ZERO DELAY, LOW SKEW BUFFER
Description
The MK2304-2 is a low jitter, low skew, high
performance Phase Lock Loop (PLL) based zero delay
buffer for high speed applications. Based on ICS’
proprietary low jitter PLL techniques, the device
provides four low skew outputs at speeds up to 133
MHz at 3.3 V. The MK2304-2 includes a bank of two
outputs running at 1/2X. In the zero delay mode, the
rising edge of the input clock is aligned with the rising
edges of all 4 outputs. Compared to competitive CMOS
devices, the MK2304-2 has the lowest jitter.
The MK2304-2 PLL enters a power-down state when
there are no rising edges on the REF input. In this
mode, all outputs are tri-stated and the PLL is turned
off, resulting in leass than 25 µA of current draw.
ICS manufactures the largest variety of clock
generators and buffers and is the largest clock supplier
in the world.
Features
Packaged in 8 pin SOIC
Zero input-output delay
Two 1X outputs plus two 1/2X outputs
Output to output skew is less than 200 ps
Output clocks up from 10 MHz to 133 MHz at 3.3 V
Ability to generate 2X the input
Full CMOS outputs with 18 mA output drive
capability at TTL levels at 3.3 V
Spread SmartTM technology works with spread
spectrum clock generators
Advanced, low power, sub micron CMOS process
Operating voltage of 3.3 V
Available in industial temperature operation
Available in Pb (lead) free package
Low Standby Current
Block Diagram
CLKA2
CLKB1
CLKB2
CLKA1
PLL
FBIN
CLKIN
/2
VDD
1
GND
1
BANK
A
BANK
B


Similar Part No. - MK2304S-2I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2304S-2ILF RENESAS-MK2304S-2ILF Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
MK2304S-2ILFTR RENESAS-MK2304S-2ILFTR Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
More results

Similar Description - MK2304S-2I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
   ZERO DELAY LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123E-09 MICREL-PL123E-09 Datasheet
384Kb / 10P
   Low Skew Zero Delay Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com