Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK2304S-2 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK2304S-2
Description  ZERO DELAY, LOW SKEW BUFFER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2304S-2 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK2304S-2 Datasheet HTML 1Page - Integrated Circuit Systems MK2304S-2 Datasheet HTML 2Page - Integrated Circuit Systems MK2304S-2 Datasheet HTML 3Page - Integrated Circuit Systems MK2304S-2 Datasheet HTML 4Page - Integrated Circuit Systems MK2304S-2 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ZERO DELAY, LOW SKEW BUFFER
MDS 2304-2 C
5
Revision 050306
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
MK2304-2
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result
from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK2304S-2
2304S-02
Tubes
8-pin SOIC
0 to 70
° C
MK2304S-2T
2304S-02
Tape and Reel
8-pin SOIC
0 to 70
° C
MK2304S-2I
2304S02I
Tubes
8-pin SOIC
-40
° C to 85° C
MK2304S-2IT
2304S02I
Tape and Reel
8-pin SOIC
-40
° C to 85° C
MK2304S-2LF
2304S02L
Tubes
8-pin SOIC
0 to 70
° C
MK2304S-2LFT
2304S02L
Tape and Reel
8-pin SOIC
0 to 70
° C
MK2304S-2ILF
2304S2IL
Tubes
8-pin SOIC
-40
° C to 85° C
MK2304S-2ILFT
2304S2IL
Tape and Reel
8-pin SOIC
-40
° C to 85° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
*For reference only. Controlling dimensions are in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50.010.020
L
0.401.27.016.050
α
0
°
8
°
0
°
8
°


Similar Part No. - MK2304S-2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2304S-2ILF RENESAS-MK2304S-2ILF Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
MK2304S-2ILFTR RENESAS-MK2304S-2ILFTR Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
MK2304S-2LF RENESAS-MK2304S-2LF Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
MK2304S-2LFTR RENESAS-MK2304S-2LFTR Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
More results

Similar Description - MK2304S-2

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
   ZERO DELAY, LOW SKEW BUFFER
072710
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
   ZERO DELAY LOW SKEW BUFFER
logo
Renesas Technology Corp
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
   ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123E-09 MICREL-PL123E-09 Datasheet
384Kb / 10P
   Low Skew Zero Delay Buffer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com