Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM1000 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part No. CM1000
Description  HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

CM1000 Datasheet(HTML) 2 Page - Pan Jit International Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
CM1000 THRU CM3500
1000
100
10
1.0
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
VFM VOLTS PEAK
35
30
25
20
15
10
5
0
25
60
80
100
120
140
160
CM3500
CM2500
CM1500
CM1000
CASE TEMPERATURE TC ¢J
Fig. 1-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS AT TJ = 25 ¢J
Fig. 2-OUTPUT CURRENT VS. CASE TEMPERATURE
RESISTIVE OR INDUCTIVE LOAD TJ = 150 ¢J
35
30
25
20
15
10
5
25
40
60
80
100
120
140
160
180
CM3500
CM2500
CM1500
CM1000
AMBIENT TEMPERATURE, TA ¢J
80
60
40
30
20
15
10
8
6
4
0
5
10
15
20
25
30
35
AVERAGE OUTPUT CURRENT, AMPERES
Fig. 3-OUTPUT CURRENT VS. AMBIENT
TEMPERATURE RESISTIVE OR INDUCTIVE LOAD
BRIDGE MOUNTED ON A 8"×8" ALUMINUM PLATE 25"
THICK
Fig. 4-POWER DISSIPATION VS. AVERAGE OUTPUT
CURRENT RESISTIVE OR INDUCTI VE LOAD,
TJ = 150 ¢J


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn