Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1000 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CM1000
Description  HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CM1000 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CM1000 Datasheet HTML 1Page - Pan Jit International Inc. CM1000 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CM1000, 1500, 2500, 3500 SERIES
HIGH CURRENT SILICON BRIDGE RECTIFIERS
VOLTAGE - 50 to 800 Volts
CURRENT - 10 to 35 Amperes
Recongnized File #E111753
FEATURES
l
Electrically Isolated Metal Case for
Maximum Heat Dissipation
l
Surge Overload Ratings to 400
Amperes
l
These bridges are on the U/L
Recognized Products List for
currents of 10, 25 and 35 amperes
MECHANICAL DATA
Case: Metal, electrically isolated
Terminals: Plated .25” FASTON
or wire Lead £r 40 mils
Weight: 1 ounce, 30 grams
Mounting position: Any
MACXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
-00
-01
-02
-04
-06
-08
UNITS
Max Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Max RMS Input Voltage
35
70
140
280
420
560
V
Max DC Blocking Voltage
50
100
200
400
600
800
V
CM10
10
A
CM15
15
A
CM25
25
A
Max Average Forward Current*
for Resistive Load
at TC=55 ¢J
CM35
35
A
CM10
200
A
CM15
300
A
CM25
300
A
Non-repetitive
Peak Forward Surge Current at
Rated Load
CM35
400
A
CM10
5A
CM15 IF 7.5A
CM25
12.5A
Max Forward Voltage
per Bridge Element at
Specified Current
CM35
17.5A
1.2
V
Max Reverse Leakage Current at Rated DC Blocking
Voltage
10
£g A
CM10
CM15 / CM35
I
2t Rating for fusing ( t < 8.3ms )
CM25
374 / 664
A
2s
Typical Thermal Resistance (Fig. 3) R £c JC
2.5
¢J /W
Operating Temperature Range TJ
Storage Temperature Range TSTG
-55 to +150
¢J
NOTES:
* Unit mounted on metal heat-sink
CM-25
CM-25W


Similar Part No. - CM1000

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CM1000 TRSYS-CM1000 Datasheet
160Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Chicago Miniature Lamp,...
CM1000 CML-CM1000 Datasheet
218Kb / 1P
   RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1000 VCC-CM1000 Datasheet
32Kb / 1P
   Contact Bayonet Base
logo
Mitsubishi Electric Sem...
CM1000DU-34NF MITSUBISHI-CM1000DU-34NF Datasheet
95Kb / 3P
   HIGH POWER SWITCHING USE
CM1000DU-34NF MITSUBISHI-CM1000DU-34NF Datasheet
107Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
GBPC35005 PANJIT-GBPC35005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 35 Amperes)
logo
Transys Electronics
GL1500 TRSYS-GL1500 Datasheet
155Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Pan Jit International I...
GL1500 PANJIT-GL1500 Datasheet
46Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC15005W PANJIT-GBPC15005W Datasheet
42Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
GBPC25005 PANJIT-GBPC25005 Datasheet
38Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 25 Amperes)
GBPC35005W PANJIT-GBPC35005W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 35 Amperes)
CM1500 PANJIT-CM1500 Datasheet
36Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
CM1500W PANJIT-CM1500W Datasheet
40Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 1000 Volts CURRENT - 15 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com