Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68EM11KW1 Datasheet(PDF) 55 Page - Motorola, Inc

Part # M68EM11KW1
Description  High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68EM11KW1 Datasheet(HTML) 55 Page - Motorola, Inc

Back Button M68EM11KW1 Datasheet HTML 51Page - Motorola, Inc M68EM11KW1 Datasheet HTML 52Page - Motorola, Inc M68EM11KW1 Datasheet HTML 53Page - Motorola, Inc M68EM11KW1 Datasheet HTML 54Page - Motorola, Inc M68EM11KW1 Datasheet HTML 55Page - Motorola, Inc M68EM11KW1 Datasheet HTML 56Page - Motorola, Inc M68EM11KW1 Datasheet HTML 57Page - Motorola, Inc M68EM11KW1 Datasheet HTML 58Page - Motorola, Inc M68EM11KW1 Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 238 page
background image
MC68HC11KW1
MOTOROLA
4-11
OPERATING MODES AND ON-CHIP MEMORY
4
Refer to Table 4-4, which is a summary of mode pin operation, the mode control bits and the four
operating modes.
A normal mode is selected when MODB is logic one during reset. One of three reset vectors is
fetched from address $FFFA–$FFFF, and program execution begins from the address indicated
by this vector. If MODB is logic zero during reset, the special mode reset vector is fetched from
addresses $BFFA–$BFFF and software has access to special test features. Refer to Section 5.
4.3.1.1
HPRIO — Highest priority I-bit interrupt & misc. register
Note:
RBOOT, SMOD and MDA bits depend on the power-up initialization mode and can only
be written in special modes when SMOD = 1. Refer to Table 4-4.
RBOOT — Read bootstrap ROM
1 (set)
Bootloader ROM enabled, at $BE40–$BFFF.
0 (clear) –
Bootloader ROM disabled and not in map.
SMOD — Special mode select
1 (set)
Special mode variation in effect.
0 (clear) –
Normal mode variation in effect.
Once cleared, cannot be set again.
MDA — Mode select A
1 (set)
Normal expanded or special test mode. (Expanded buses active.)
0 (clear) –
Normal single chip or special bootstrap mode. (Ports active.)
PSEL[4:0] — Priority select bits (refer to Section 5)
Address
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
State
on reset
Highest priority interrupt (HPRIO)
$003C RBOOT SMOD
MDA PSEL4 PSEL3 PSEL2 PSEL1 PSEL0 xxx0 0110
Table 4-4 Hardware mode select summary
Inputs
Mode
Control bits in HPRIO (latched at reset)
MODB
MODA
RBOOT
SMOD
MDA
1
0
Single chip
0
0
0
1
1
Expanded
0
0
1
0
0
Special bootstrap
1
1
0
0
1
Special test
0
1
1
TPG
53


Similar Part No. - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
M68EM11KG4 NXP-M68EM11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
More results

Similar Description - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
   High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com