Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68EM11KW1 Datasheet(PDF) 54 Page - Motorola, Inc

Part # M68EM11KW1
Description  High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68EM11KW1 Datasheet(HTML) 54 Page - Motorola, Inc

Back Button M68EM11KW1 Datasheet HTML 50Page - Motorola, Inc M68EM11KW1 Datasheet HTML 51Page - Motorola, Inc M68EM11KW1 Datasheet HTML 52Page - Motorola, Inc M68EM11KW1 Datasheet HTML 53Page - Motorola, Inc M68EM11KW1 Datasheet HTML 54Page - Motorola, Inc M68EM11KW1 Datasheet HTML 55Page - Motorola, Inc M68EM11KW1 Datasheet HTML 56Page - Motorola, Inc M68EM11KW1 Datasheet HTML 57Page - Motorola, Inc M68EM11KW1 Datasheet HTML 58Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 238 page
background image
MOTOROLA
4-10
MC68HC11KW1
OPERATING MODES AND ON-CHIP MEMORY
4
4.3
System initialization
Registers and bits that control initialization and the basic operation of the MCU are protected
against writes except under special circumstances. The following table lists registers that can be
written only once after reset, or that must be written within the first 64 cycles after reset.
4.3.1
Mode selection
The four mode variations are selected by the logic states of the mode A (MODA) and mode B
(MODB) pins during reset. The MODA and MODB logic levels determine the logic state of the
special mode (SMOD) and mode A (MDA) control bits in the highest priority I-bit interrupt and
miscellaneous (HPRIO) register.
After reset is released, the mode select pins no longer influence the MCU operating mode. In
single chip operating mode, MODA pin is connected to a logic zero. In expanded mode, MODA is
normally connected to VDD through a pull-up resistor of 4.7 kΩ. The MODA pin also functions as
the load instruction register (LIR) pin when the MCU is not in reset. The open-drain active low LIR
output pin drives low during the first E cycle of each instruction. The MODB pin also functions as
the stand-by power input (VSTBY), which allows the RAM contents to be maintained in the
absence of VDD.
Table 4-3 Registers with limited write access
Register
address
Register
name
Must be written in
first 64 cycles
Write
once only
$x024
Timer interrupt mask register 2 (TMSK2)
(1)
(1) When SMOD = 0, bits 1 and 0 can be written only once, during the first 64 cycles, after which they become read-only.
When SMOD = 1, however, these bits can be written at any time. All other bits can be written at any time.
$x035
Block protect register (BPROT)
(2)
(2) Bits can be written to zero once and only in the first 64 cycles or in special modes. Bits can be set to one at any time.
$x037
EEPROM mapping register (INIT2)
No
Yes
$x038
System configuration options register 2 (OPT2)
No
(3)
(3) Bit 4 (IRVNE) can be written only once.
$x039
System configuration options register (OPTION)
(4)
(4) When SMOD = 0, bits 5, 4, 2, 1, and 0 can be written once and only in the first 64 cycles. When SMOD = 1,
however, bits 5, 4, 2, 1, and 0 can be written at any time. All other bits can be written at any time.
$x03D
RAM and I/O map register (INIT)
(5)
(5) When SMOD = 0, bits can be written only once, during the first 64 cycles, after which the register becomes
read-only.When SMOD = 1, bits can be written at any time.
$x081
Timer control register 4 (Timer 2) TCTL4
No
(6)
(6) Bits 5, 4, 3 and 2 can be written only once.
$x091
Timer control register 6 (Timer 3) TCTL6
No
(6)
TPG
52


Similar Part No. - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
M68EM11KG4 NXP-M68EM11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
More results

Similar Description - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
   High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com