Electronic Components Datasheet Search |
|
MBR7HXX Datasheet(PDF) 2 Page - Vaishali Semiconductor |
|
MBR7HXX Datasheet(HTML) 2 Page - Vaishali Semiconductor |
2 / 3 page MBR7Hxx, MBRF7Hxx & MBRB7Hxx Series Vishay Semiconductors formerly General Semiconductor www.vishay.com Document Number 88796 2 14-Mar-03 Maximum Ratings (TC = 25 °C unless otherwise noted) Parameter Symbol MBR7H35 MBR7H45 MBR7H50 MBR7H60 Unit Maximum repetitive peak reverse voltage VRRM 35 45 50 60 V Working peak reverse voltage VRWM 35 45 50 60 V Maximum DC blocking voltage VDC 35 45 50 60 V Max. average forward rectified current (see fig. 1) IF(AV) 7.5 A Peak repetitive forward current at TC = 155 °C (rated VR, 20 KHz sq. wave) IFRM 15 A Non-repetitive avalanche energy at 25 °C, IAS = 4 A, L = 10 mH EAS 80 mJ Peak forward surge current 8.3ms single half sine-wave IFSM 150 A superimposed on rated load (JEDEC Method) Peak repetitive reverse surge current at tp = 2.0 µs, 1 KHZ IRRM 1.0 0.5 A Peak non-repetitive reverse energy (8/20 µs waveform) ERSM 20 10 mJ Electrostatic discharge capacitor voltage VC 25 kV Human body model: C = 100 pF, R = 1.5 k Ω Voltage rate of change (rated VR) dv/dt 10,000 V/ µs Operating junction temperature range TJ –65 to +175 °C Storage temperature range TSTG –65 to +175 °C RMS Isolation voltage (MBRF type only) from terminals 4500(1) to heatsink with t = 1.0 second, RH ≤ 30% VISOL 3500(2) V 1500(3) Electrical Characteristics (TC = 25 °C unless otherwise noted) Parameter Symbol MBR7H35, MBR7H45 MBR7H50, MBR7H60 Unit Typ Max Typ Max Maximum instantaneous at IF = 7.5 A TJ = 25 °C – 0.63 – 0.73 forward voltage(4) at IF = 7.5 A TJ = 125 °C VF 0.50 0.55 0.58 0.61 V at IF = 15 A TJ = 25 °C – 0.75 – 0.87 at IF = 15 A TJ =125 °C 0.61 0.66 0.68 0.72 Maximum instantaneous reverse current TJ = 25 °C – 50 – 50 µA at rated DC blocking voltage(4) TJ =125 °C IR 3.0 10 2.0 10 mA Thermal Characteristics (TC = 25 °C unless otherwise noted) Parameter Symbol MBR MBRF MBRB Unit Thermal resistance from junction to case R θJC 3.0 5.0 3.0 °C/W Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110” offset (3) Screw mounting with 4-40 screw, where washer diameter is ≤ 4.9 mm (0.19”) (2) Clip mounting (on case), where leads do overlap heatsink (4) Pulse test: 300 ms pulse width, 1% duty cycle Ordering Information Product Case Package Code Package Option MBR7H35 – MBR7H60 TO-220AC 45 Anti-Static tube, 50/tube, 2K/carton MBRF7H35 – MBRF7H60 ITO-220AC 45 Anti-Static tube, 50/tube, 2K/carton 31 13” reel, 800/reel, 4.8K/carton MBRB7H35 – MBRB7H60 TO-263AB 45 Anti-Static tube, 50/tube, 2K/carton 81 Anti-Static 13” reel, 800/reel, 4.8K/carton |
Similar Part No. - MBR7HXX |
|
Similar Description - MBR7HXX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |