Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDJ-65608EV-30SB Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SMDJ-65608EV-30SB
Description  Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMDJ-65608EV-30SB Datasheet(HTML) 1 Page - ATMEL Corporation

  SMDJ-65608EV-30SB Datasheet HTML 1Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 2Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 3Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 4Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 5Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 6Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 7Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 8Page - ATMEL Corporation SMDJ-65608EV-30SB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Rev. 4151I–AERO–03/04
Features
Operating Voltage: 5V
Access Time: 30, 45 ns
Very Low Power Consumption
– Active: 250 mW (Typ)
– Standby: 1 µW (Typ)
– Data Retention: 0.5 µW (Typ)
Wide Temperature Range: -55
°C to +125°C
400 Mils Width Packages: FP32 and SB32
TTL Compatible Inputs and Outputs
Asynchronous
Single 5V Supply
Equal Cycle and Access Time
Gated Inputs:
– No Pull-up/down
– Resistors Are Required
QML Q and V with SMD 5962-89598
ESCC B with Specification 9301/047
Description
The M65608E is a very low power CMOS static RAM organized as 131072 x 8 bits.
Atmel brings the solution to applications where fast computing is as mandatory as low
consumption, such as aerospace electronics, portable instruments, or embarked
systems.
Utilizing an array of six transistors (6T) memory cells, the M65608E combines an
extremely low standby supply current (Typical value = 0.2 µA) with a fast access time
at 30 ns over the full military temperature range. The high stability of the 6T cell pro-
vides excellent protection against soft errors due to noise.
The M65608E is processed according to the methods of the latest revision of the MIL
STD 883 (class B or S), ESA SCC 9000 or QML.
Rad. Tolerant
128K x 8
Very Low Power
5V CMOS SRAM
M65608E


Similar Part No. - SMDJ-65608EV-30SB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SMDJ-65609EV-40/8831 ATMEL-SMDJ-65609EV-40/8831 Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
More results

Similar Description - SMDJ-65608EV-30SB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com