Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M67025E Datasheet(PDF) 1 Page - ATMEL Corporation

Part # M67025E
Description  Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

M67025E Datasheet(HTML) 1 Page - ATMEL Corporation

  M67025E Datasheet HTML 1Page - ATMEL Corporation M67025E Datasheet HTML 2Page - ATMEL Corporation M67025E Datasheet HTML 3Page - ATMEL Corporation M67025E Datasheet HTML 4Page - ATMEL Corporation M67025E Datasheet HTML 5Page - ATMEL Corporation M67025E Datasheet HTML 6Page - ATMEL Corporation M67025E Datasheet HTML 7Page - ATMEL Corporation M67025E Datasheet HTML 8Page - ATMEL Corporation M67025E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
Rev. 4146J–AERO–06/03
Features
Fast Access Time: 30/45 ns
Wide Temperature Range: -55
°C to +125°C
Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
Expandable Data Bus to 32 bits or More Using Master/Slave Chip Select When Using
More Than One Device
On-chip Arbitration Logic
Versatile Pin Select for Master or Slave:
–M/S = H for Busy Output Flag On Master
–M/S = L for Busy Input Flag On Slave
INT Flag for Port to Port Communication
Full Hardware Support of Semaphore Signaling Between Ports
Fully Asynchronous Operation From Either Port
Battery Back-up Operation: 2V Data Retention
TTL Compatible
Single 5V + 10% Power Supply
QML Q and V with SMD 5962-91617
Introduction
The M67025E is a very low power CMOS dual port static RAM organized as 8192 bit
× 16. The product is designed to be used as a stand-alone 16-bit dual port RAM or as
a combination MASTER/SLAVE dual port for 32-bit or more width systems. The Atmel
MASTER/SLAVE dual port approach in memory system applications results in full
speed, error free operation without the need of an additional discrete logic.
Master and slave devices provide two independent ports with separate control,
address and I/O pins that permit independent, asynchronous access for reads and
writes to any location in the memory. An automatic power down feature controlled by
CS permits the on-chip circuitry of each port in order to enter a very low stand by
power mode.
Using an array of eight transistors (8T) memory cell, the M67025E combines an
extremely low standby supply current (typ = 1.0 µA) with a fast access time at 30 ns
over the full temperature range. All versions offer battery backup data retention capa-
bility with a typical power consumption at less than 5 µW.
For military/space applications that demand superior levels of performance and reli-
ability the M67025E is processed according to the methods of the latest revision of the
MIL PRF 38635 (Q and V) and/or ESA SCC 9000.
Rad. Tolerant
High Speed
8 Kb x 16
Dual Port RAM
M67025E


Similar Part No. - M67025E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67025E ATMEL-M67025E_14 Datasheet
694Kb / 27P
   Separate Upper Byte and Lower Byte Control for Multiplexed Bus Compatibility
More results

Similar Description - M67025E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
   Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
   Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT7025S IDT-IDT7025S_18 Datasheet
201Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com