Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY253 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BY253
Description  MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BY253 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BY253 Datasheet HTML 1Page - Pan Jit International Inc. BY253 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY251 THRU BY255
MEDIUM CURRENT PLASTIC RECTIFIER
VOLTAGE - 200 to 1300 Volts
CURRENT - 3.0 Amperes
FEATURES
l
Exce High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Low leakage
l
Void-free molded in DO-201AD plastic package
l
High current operation of 3 Amperes at TA=95 ¢J
with no thermal runaway
l
eds environmental standards of MIL-S-19500/228
MECHANICAL DATA
Case: JEDEC DO-201AD Molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOLS
BY251
BY252
BY253
BY254
BY255
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
200
400
600
800
1300
Volts
Maximum RMS Voltage
VRMS
140
280
420
560
910
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1300
Volts
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=95 ¢J
I(AV)
3.0
Amps
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
IFSM
100.0
Amps
Maximum Instantaneous Forward Voltage TJ=25 ¢J
at 3.0A
TJ=100 ¢J
VF
1.1
1.0
Volts
Volts
Maximum DC Reverse Current TA=25 ¢J
at Rated DC Blocking Voltage TA=100 ¢J
IR
5.0
1000
£g A
£g A
Typical Junction capacitance (Note 2) TJ=25 ¢J
CJ
40
PF
Typical Reverse Recovery Time (Note 3)
TRR
2.5
£g A
Typical Thermal Resistance (Note 1)
R £KJA
15.0
¢J /W
Operating Junction Temperature Range
TJ
-50 to +150
¢J
Storage Temperature Range
TSTG
-50 to +150
¢J
NOTES:
1.
Thermal Resistance From Junction to applied at Ambient 0.375"(9.5mm) lead length P.C.Board mounted.
2.
Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
DO-201AD


Similar Part No. - BY253

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BY253 TRSYS-BY253 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
BY253 DIOTEC-BY253 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
logo
Pan Jit International I...
BY253 PANJIT-BY253 Datasheet
59Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
BY253 PANJIT-BY253 Datasheet
57Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY253 JGD-BY253 Datasheet
144Kb / 2P
   3.0 AMP.SILICON RECTIFIERS
More results

Similar Description - BY253

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
BY251 DAESAN-BY251 Datasheet
299Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 200 to 1300 Volts
logo
GOOD-ARK Electronics
BY251 GOOD-ARK-BY251_15 Datasheet
128Kb / 2P
   General Purpose Plastic Rectifiers Reverse Voltage 200 to 1300 Volts Forward Current 3.0 Amperes
logo
Rectron Semiconductor
MURS320 RECTRON-MURS320 Datasheet
299Kb / 4P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 3.0 Amperes
logo
Pan Jit International I...
1N5400 PANJIT-1N5400 Datasheet
51Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
HER303-U28 RECTRON-HER303-U28 Datasheet
200Kb / 7P
   HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 3.0 Amperes
logo
Pan Jit International I...
ED302T PANJIT-ED302T Datasheet
40Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
ED302YT PANJIT-ED302YT Datasheet
40Kb / 2P
   SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 3.0 Amperes)
PS300R PANJIT-PS300R Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Rectron Semiconductor
USF31 RECTRON-USF31 Datasheet
33Kb / 2P
   GLASS PASSIVATED ULTRAFAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes
logo
Pan Jit International I...
ED302T PANJIT-ED302T_03 Datasheet
44Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS VOLTAGE- 200 to 600 Volts CURRENT - 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com