Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M21L216128A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. M21L216128A
Description  128 K x 16 SRAM HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

M21L216128A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
$%
M21L216128A
Elite Semiconduture Memory Technology Inc
Publication Date : Sep. 2000
Revision : 1.0
6/14
NOTES
1.
All voltages referenced to GND (VSS).
2.
Overshoot : VIH
+6.0V for ttRC /2.
Undershoot : VIL
-2.0V for ttRC /2.
3.
ICC is given without output current. ICC increases with greater output loading and faster cycle times.
4.
This parameter is sampled.
5.
Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted.
6.
Output loading is specified with CL=5pF as in Fig.2. Transition is measured
± 500mV from steady static voltage.
7.
At any give temperature and voltage conditions, tCHZ is less than tCLZ and tWHZ is less than tOW
8.
WE is High for Read cycle.
9.
Device is continuously selected. Chip enable and output enables are held in their active state.
10. Address valid prior to, or coincident with, latest occurring chip enable.
11. tRC=Read Cycle Time.
12. Chip Enable and Write Enable can initiate and terminate a Write cycle.
13. Capacitance derating applies to capacitance different from the load capacitance shown in
Fig. 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BH616UV1610Ultra Low Power/High Speed CMOS SRAM 1 2 3 4 5 MoreBrilliance Semiconductor
BS616UV4016Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit 1 2 3 4 5 MoreBrilliance Semiconductor
UM6116-252K x 8 High Speed CMOS SRAM 1 2 3 4 5 MoreUMC Corporation
BH62UV8000Ultra Low Power/High Speed CMOS SRAM 1 2 3 4 5 MoreBrilliance Semiconductor
UT6125632K X 8 BIT HIGH SPEED CMOS SRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
EDI8M4512C512K X 4 SRAM CMOS HIGH SPEED MODULE 1 List of Unclassifed Manufacturers
UM61512A64K X 8 BIT HIGH SPEED CMOS SRAM 1 2 3 4 5 MoreUMC Corporation
A61530832K X 8 BIT HIGH SPEED CMOS SRAM 1 2 3 4 5 MoreAMIC Technology
LP61L1008128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM 1 2 3 4 5 MoreAMIC Technology
UT61L1024125K X 8 BIT HIGH SPEED CMOS SRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn