Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16400L Datasheet(PDF) 11 Page - Integrated Circuit Solution Inc

Part # IS42S16400L
Description  2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS42S16400L Datasheet(HTML) 11 Page - Integrated Circuit Solution Inc

Back Button IS42S16400L Datasheet HTML 7Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 8Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 9Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 10Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 11Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 12Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 13Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 14Page - Integrated Circuit Solution Inc IS42S16400L Datasheet HTML 15Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
IS42S8800/IS42S8800L
IS42S16400/IS42S16400L
Integrated Circuit Solution Inc.
11
DR007-0A
OPERATION COMMAND TABLE(1)
Current State CommandOperation
CS
CS
CS
CS
CS
RAS
RAS
RAS
RAS
RAS CAS
CAS
CAS
CAS
CAS
WE
WE
WE
WE
WE
Address
Idle
DESL
NOP or Power-Down(2)
H
XXX
X
NOP or BST
NOP or Power-Down(2)
LH
H
X
X
READ / READA
Illegal(3)
LH
LH
BA, CA, A10
WRIT/WRITA
Illegal(3)
LH
L
L
BA, CA, A10
ACT
Row Active
L
L
H
H
BR, RA
PRE/PALL
NOP
L
L
H
L
BA, A10
REF/SELF
Refresh or Self-Refresh(4)
LLL
H
X
MRS
Mode Register Set
LLLL
Op-Code
Row Active
DESL
NOP
H
X
X
X
X
NOP or BST
NOP
L
H
H
H
X
READ/READA
Begin read : Determine AP(5)
LH
LH
BA, CA, A10
WRIT/WRITA
Begin write : Determine AP(5)
LH
L
L
BA, CA, A10
ACT
Illegal(3)
LL
H
H
BR, RA
PRE/PALL
Precharge(6)
LL
H
L
BA, A10
REF/SELF
Illegal
L
L
L
H
X
MRS
Illegal
LLLL
Op-Code
Read
DESL
Continue burst to -> end Row active
H
XXX
X
NOP
Continue burst to -> end Row active
L
HHH
X
BST
Burst stop -> Row active
LH
H
L
X
READ/READA
Term burst, new read : Determine AP(7)
LH
LH
BA, CA, A10
WRIT/WRITA
Term burst, start write : Determine AP(7,8)
LH
L
L
BA, CA, A10
ACT
Illegal(3)
LL
H
H
BR, RA
PRE/PALL
Term burst, precharging
LL
H
L
BA, A10
REF/SELF
Illegal
L
L
L
H
X
MRS
Illegal
LLLL
Op-Code
Write
DESL
Continue burst to end -> write recovering
H
XXX
X
NOP
Continue burst to end -> write recovering
L
HHH
X
BST
Burst stop -> Row active
LH
H
L
X
READ/READA
Term burst, start read : Determine AP(7,8)
LH
LH
BA, CA, A10
WRIT/WRITA
Term burst, new write : Determine AP(7)
LH
L
L
BA, CA, A10
ACT
Illegal(3)
LL
H
H
BR, RA
PRE/PALL
Term burst, precharging(9)
LL
H
L
BA, A10
REF/SELF
Illegal
L
L
L
H
X
MRS
Illegal
LLLL
Op-Code
Read With
DESL
Continue burst to end -> Precharging
H
XXX
X
Auto-
NOP
Continue burst to end -> Precharging
L
HHH
X
Precharge
BST
Illegal
L
H
H
L
X
READ/READA
Illegal(11)
LH
LH
BA, CA, A10
WRIT/WRITA
Illegal(11)
LH
L
L
BA, CA, A10
ACT
Illegal(3)
LL
H
H
BR, RA
PRE/PALL
Illegal(11)
LL
H
L
BA, A10
REF/SELF
Illegal
L
L
L
H
X
MRS
Illegal
LLLL
Op-Code


Similar Part No. - IS42S16400L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
675Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10T ISSI-IS42S16400-10T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-10TI ISSI-IS42S16400-10TI Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400-6T ISSI-IS42S16400-6T Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16400L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400E ISSI-IS42S16400E Datasheet
848Kb / 55P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400J-6TL ISSI-IS42S16400J-6TL Datasheet
1Mb / 60P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16400 ISSI-IS42S16400 Datasheet
557Kb / 54P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16400C1 ISSI-IS42VS16400C1 Datasheet
491Kb / 56P
   1 Meg Bits x 16 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com