Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITC1100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ITC1100
Description  1000 WATT, 50V, Pulsed Avionics 1030 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ITC1100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ITC1100 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITC1100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R.1.120799
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. TO VERIFY THE CURRENT VERSION
PLEASE CHECK OUR WEB SITE AT WWW.GHZ.COM OR CONTACT OUR FACTORY DIRECT.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
ITC1100
1000 WATT, 50V, Pulsed
Avionics 1030 MHz
GENERAL DESCRIPTION
The ITC1100 is a common base bipolar transistor. It is designed for pulsed
interrogator systems in the frequency band of 1030 MHz. The device has gold
thin-film metallization for proven high MTTF. The transistor includes input
returns for improved output rise time . Low thermal resistance package reduces
junction temperature which extends the life time of the product.
CASE OUTLINE
55SW, Style 1
Common Base
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation
1 @25
°C (P
d)
3400 W
Thermal Resistance
1 (
θ
JC).08°C/W
Voltage and Current
Collector-Base Voltage
65V
Emitter-Base Voltage
3.5V
Collector Current
1
80A
Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
1
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
BVebo
2
Emitter-Base Breakdown(open)
Ie=50mA
3.5
V
BVces
Collector-Emitter Breakdown(shorted)
Ic=30mA
65
V
BVceo
2
Collector-Emitter Breakdown (open)
Ic=30mA
30
V
hFE
2
DC Current Gain
Ic=5A, Vce=5V
20
100
β
FUNCTIONAL CHARACTERISTICS @ 25
°C
GPB
Common Base Power Gain
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
10
10.5
dB
η
c
Collector Efficiency
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
45
50
%
tr
Rise Time
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
50
80
nS
VSWR
Output Load Mismatch
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
4:1
Ψ
Zin
Series Input Impedance (Circuit
source impedance @ test cond.)
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
0.89 – j2.3
Zout
Series Output Impedance (Circuit
load impedance @ test cond.)
Vcc = 50V, F = 1030MHz,
Pout=1000W Peak Min, PW=1
µS, DF=1%
0.54 - j2.64
1 At rated output power and pulse conditions
2 Not measurable due to EB Returns


Similar Part No. - ITC1100

ManufacturerPart #DatasheetDescription
logo
GHz Technology
ITC1100 GHZTECH-ITC1100 Datasheet
133Kb / 2P
   Common base bipolar transistor 1000 WATT, 50V, Pulsed
More results

Similar Description - ITC1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITC1000 ETC-ITC1000 Datasheet
50Kb / 2P
   1000 WATT, 50V, Pulsed Avionics 1030 MHz
logo
GHz Technology
TCS450 GHZTECH-TCS450 Datasheet
142Kb / 2P
   450 Watts, 45 Volts, Pulsed Avionics 1030 MHz
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
   800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com