Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2186 Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2186
Description  HIGH AND LOW SIDE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2186 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2186 Datasheet HTML 6Page - International Rectifier IRS2186 Datasheet HTML 7Page - International Rectifier IRS2186 Datasheet HTML 8Page - International Rectifier IRS2186 Datasheet HTML 9Page - International Rectifier IRS2186 Datasheet HTML 10Page - International Rectifier IRS2186 Datasheet HTML 11Page - International Rectifier IRS2186 Datasheet HTML 12Page - International Rectifier IRS2186 Datasheet HTML 13Page - International Rectifier IRS2186 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
IRS2186/IRS21864(S)PbF
www.irf.com
10
PRELIMINARY
0
1
2
3
4
5
10
12
14
16
18
20
Supply Voltage (V)
Figure 10B. High Level Output
vs. Supply Voltage
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 10A. High Level Output
vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
Supply Voltage (V)
Figure 11B. Low Level Output
vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 11A. Low Level Output
vs. Temperature
Max.
Max.
Max.
Max.


Similar Part No. - IRS2186

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRS21864PBF INFINEON-IRS21864PBF Datasheet
1Mb / 27P
   High and Low Side Driver
April 30, 2015
IRS21864SPBF INFINEON-IRS21864SPBF Datasheet
1Mb / 27P
   High and Low Side Driver
April 30, 2015
logo
International Rectifier
IRS21867S IRF-IRS21867S Datasheet
748Kb / 21P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IRS21867S INFINEON-IRS21867S Datasheet
822Kb / 21P
   HIGH AND LOW SIDE DRIVER
31 May, 2011
logo
International Rectifier
IRS21867SPBF IRF-IRS21867SPBF Datasheet
748Kb / 21P
   HIGH AND LOW SIDE DRIVER
More results

Similar Description - IRS2186

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com