Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD125144N Datasheet(PDF) 1 Page - Sensitron

Part # SHD125144N
Description  HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125144N Datasheet(HTML) 1 Page - Sensitron

  SHD125144N Datasheet HTML 1Page - Sensitron SHD125144N Datasheet HTML 2Page - Sensitron SHD125144N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4717, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
200
°C Maximum Operation Temperature
DESCRIPTION: A 100-VOLT, 7.5/15 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO -254
PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
100
Volts
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC) (Single, Doubler)
IO
7.5
Amps
MAXIMUM DC OUTPUT CURRENT (@ TC=100
OC)
(Common Cathode, Common Anode)
IO
15
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT (t=8.3ms, Sine)
IFSM
140
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr=5V)
CT
250
pF
MAXIMUM THERMAL RESISTANCE
RθJC
1.36
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
°C
MAXIMUM STORAGE TEMPERATURE RANGE
Top/Tstg
-65 to
+ 200
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 7.5 Amps)
TJ = 25 °C
TJ = 125 °C
Vf
0.93
0.77
Volts
MAXIMUM REVERSE CURRENT (Ir @ 100 V PIV)
TJ = 25 °C
TJ = 125 °C
Ir
0.18
4
mA
SHD125144
SHD125144P
SHD125144N
SHD125144D


Similar Part No. - SHD125144N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125146 SENSITRON-SHD125146 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125146D SENSITRON-SHD125146D Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125146N SENSITRON-SHD125146N Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125146P SENSITRON-SHD125146P Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results

Similar Description - SHD125144N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125134 SENSITRON-SHD125134 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125245 SENSITRON-SHD125245 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD176244 SENSITRON-SHD176244 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD114546 SENSITRON-SHD114546_08 Datasheet
45Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125644 SENSITRON-SHD125644_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116046 SENSITRON-SHD116046 Datasheet
158Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116044 SENSITRON-SHD116044 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD116144 SENSITRON-SHD116144 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125646 SENSITRON-SHD125646_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
SHD125134 SENSITRON-SHD125134_08 Datasheet
52Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200째C Maximum Operation Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com