Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC273 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74AC273
Description  Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC273 Datasheet(HTML) 1 Page - Integral Corp.

  IN74AC273 Datasheet HTML 1Page - Integral Corp. IN74AC273 Datasheet HTML 2Page - Integral Corp. IN74AC273 Datasheet HTML 3Page - Integral Corp. IN74AC273 Datasheet HTML 4Page - Integral Corp. IN74AC273 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
376
Octal D Flip-Flop with
Common Clock and Reset
High-Speed Silicon-Gate CMOS
The IN74AC273 is identical in pinout to the LS/ALS273,
HC/HCT273. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS
outputs.
This device consists of eight D flip-flops with common Clock and
Reset inputs. Each flip-flop is loaded with a low-to-high transition of
the Clock input. Reset is asynchronous and active low.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
IN74AC273
ORDERING INFORMATION
IN74AC273N Plastic
IN74AC273DW SOIC
TA = -40° to 85° C for all
packages
FUNCTION TABLE
Inputs
Output
Reset
Clock
D
Q
LX
X
L
HH
H
HL
L
H
L
X
no change
H
X
no change
X = don’t care
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
PIN ASSIGNMENT


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn