Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC273 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC273
Description  Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC273 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC273 Datasheet HTML 1Page - Integral Corp. IN74AC273 Datasheet HTML 2Page - Integral Corp. IN74AC273 Datasheet HTML 3Page - Integral Corp. IN74AC273 Datasheet HTML 4Page - Integral Corp. IN74AC273 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC273
379
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
90
140
75
125
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
12.5
9.0
3.0
2.5
14.0
10.0
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.5
11.0
ns
tPHL
Propagation Delay, Reset to Q (Figure 2)
3.3
5.0
4.0
3.0
13.0
10.0
3.5
2.5
14.0
10.5
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
50
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Data to Clock
(Figure 3)
3.3
5.0
0
1.0
0
1.0
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.5
4.0
6.0
4.5
ns
tw
Minimum Pulse Width, Reset (Figure 2)
3.3
5.0
5.5
4.0
6.0
4.5
ns
trec
Minimum Recovery Time, Reset to Clock
(Figure 2)
3.3
5.0
3.5
2.0
4.5
3.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC273

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC273 IKSEMICON-IN74AC273 Datasheet
195Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
IN74AC273DW IKSEMICON-IN74AC273DW Datasheet
195Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
IN74AC273N IKSEMICON-IN74AC273N Datasheet
195Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
More results

Similar Description - IN74AC273

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74ACT273 KODENSHI-KK74ACT273 Datasheet
287Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74ACT273 IKSEMICON-IN74ACT273 Datasheet
274Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
System Logic Semiconductor
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HCT273A IKSEMICON-IN74HCT273A Datasheet
228Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74HC273A IKSEMICON-IN74HC273A Datasheet
238Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HCT273A KODENSHI-KK74HCT273A Datasheet
241Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
ON Semiconductor
ON Semiconductor
MC74HC273A ONSEMI-MC74HC273A_05 Datasheet
138Kb / 10P
   Octal D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC175 IKSEMICON-IN74AC175 Datasheet
177Kb / 6P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74AC175 INTEGRAL-IN74AC175 Datasheet
136Kb / 5P
   Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz