Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC241 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74AC241
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74AC241 Datasheet(HTML) 1 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA
310
Octal 3-State Noninverting Buffer/Line
Driver/Line Receiver
High-Speed Silicon-Gate CMOS
The IN74AC241 is identical in pinout to the LS/ALS241,
HC/HCT241. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS
outputs.
This octal noninverting buffer/line driver/line receiver is designed
to be used with 3-state memory address drivers, clock drivers, and
other bus-oriented systems. The device has noninverting outputs and
two output enables. Enable A is active-low and Enable B is active-
high.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
IN74AC241
ORDERING INFORMATION
IN74AC241N Plastic
IN74AC241DW SOIC
TA = -40° to 85° C for all
packages
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Inputs
Output
Inputs
Output
Enable
A
AYA
Enable
B
BYB
LL
L
H
LL
LH
H
H
H
H
HX
Z
L
X
Z
X = don’t care
Z = high impedance
PIN ASSIGNMENT


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn