Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SHD124523 Datasheet(PDF) 2 Page - Sensitron

Part No. SHD124523
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD124523 Datasheet(HTML) 2 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
TECHNICAL DATA
DATA SHEET 4774, REV. -
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3 1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
ANODE
CATHODE/ANODE
CATHODE
Note: The Vf curves shown are for the SD200SB60 un-packaged die only.
SHD124523P
SHD124523N
SHD124523D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V F (V)
101
102
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
500
1000
1500
2000
2500
Typical Junction Capacitance


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn