Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124268N Datasheet(PDF) 1 Page - Sensitron

Part # SHD124268N
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124268N Datasheet(HTML) 1 Page - Sensitron

  SHD124268N Datasheet HTML 1Page - Sensitron SHD124268N Datasheet HTML 2Page - Sensitron SHD124268N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD124268
SHD124268P
SHD124268N
SHD124268D
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4685, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
15
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single/Doubler)
15
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common
Cathode/Common Anode)
30
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
200
A
Max. Thermal Resistance
RθJC
(Single)
1.45
°C/W
Max. Thermal Resistance
RθJC
(Common Cathode/Common
Anode/Doubler) (per leg)
0.72
°C/W
Max. Junction Temperature
TJ
-
-65 to +100
°C
Max. Storage Temperature
Tstg
-
-65 to +100
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
(per leg)
0.46
V
VF2
@ 15A, Pulse, TJ = 125 °C
(per leg)
0.42
V
Max. Reverse Current
IR1
@VR = 15V, Pulse,
TJ = 25 °C (per leg)
7
mA
IR2
@VR = 15V, Pulse,
TJ = 125 °C (per leg)
340
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
1200
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •


Similar Part No. - SHD124268N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124211 SENSITRON-SHD124211 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124211D SENSITRON-SHD124211D Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124211N SENSITRON-SHD124211N Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124211P SENSITRON-SHD124211P Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124212 SENSITRON-SHD124212 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD124268N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124523 SENSITRON-SHD124523_09 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124111 SENSITRON-SHD124111 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124412 SENSITRON-SHD124412 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124523 SENSITRON-SHD124523 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124623 SENSITRON-SHD124623_08 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124512 SENSITRON-SHD124512 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124622 SENSITRON-SHD124622 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124122 SENSITRON-SHD124122 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124623P SENSITRON-SHD124623P Datasheet
72Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124168 SENSITRON-SHD124168 Datasheet
50Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124568 SENSITRON-SHD124568 Datasheet
73Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com