Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SHD124268 Datasheet(PDF) 1 Page - Sensitron

Part No. SHD124268
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SENSITRON [Sensitron]
Homepage  http://www.sensitron.com
Logo 

SHD124268 Datasheet(HTML) 1 Page - Sensitron

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHD124268
SHD124268P
SHD124268N
SHD124268D
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4685, REV. -
HERMETIC POWER SCHOTTKY RECTIFIER
Very Low Forward Voltage
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
15
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Single/Doubler)
15
A
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form (Common
Cathode/Common Anode)
30
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
200
A
Max. Thermal Resistance
RθJC
(Single)
1.45
°C/W
Max. Thermal Resistance
RθJC
(Common Cathode/Common
Anode/Doubler) (per leg)
0.72
°C/W
Max. Junction Temperature
TJ
-
-65 to +100
°C
Max. Storage Temperature
Tstg
-
-65 to +100
°C
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
(per leg)
0.46
V
VF2
@ 15A, Pulse, TJ = 125 °C
(per leg)
0.42
V
Max. Reverse Current
IR1
@VR = 15V, Pulse,
TJ = 25 °C (per leg)
7
mA
IR2
@VR = 15V, Pulse,
TJ = 125 °C (per leg)
340
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p) (per leg)
1200
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn