Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD124122 Datasheet(PDF) 2 Page - Sensitron

Part # SHD124122
Description  HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124122 Datasheet(HTML) 2 Page - Sensitron

  SHD124122 Datasheet HTML 1Page - Sensitron SHD124122 Datasheet HTML 2Page - Sensitron SHD124122 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE(631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4673, REV. -
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
ANODE
CATHODE/ANODE
CATHODE
Note: The Vf curves shown are for the unpackaged die only.
SHD124122
SHD124122P
SHD124122N
SHD124122D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
0
10
1
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
10
20
30
40
50
Reverse Voltage - V
R (V)
10
-3
10
-2
10
-1
100
101
10
2
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
10
20
30
40
50
Reverse Voltage - V
R (V)
100
150
200
250
300
350
400
Typical Junction Capacitance


Similar Part No. - SHD124122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124111 SENSITRON-SHD124111 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124111D SENSITRON-SHD124111D Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124111N SENSITRON-SHD124111N Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124111P SENSITRON-SHD124111P Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124112 SENSITRON-SHD124112 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
More results

Similar Description - SHD124122

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124523 SENSITRON-SHD124523_09 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124111 SENSITRON-SHD124111 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124412 SENSITRON-SHD124412 Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124523 SENSITRON-SHD124523 Datasheet
82Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124623 SENSITRON-SHD124623_08 Datasheet
42Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124512 SENSITRON-SHD124512 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124622 SENSITRON-SHD124622 Datasheet
56Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124623P SENSITRON-SHD124623P Datasheet
72Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124168 SENSITRON-SHD124168 Datasheet
50Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
SHD124568 SENSITRON-SHD124568 Datasheet
73Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com