Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD122634D Datasheet(PDF) 1 Page - Sensitron

Part # SHD122634D
Description  HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD122634D Datasheet(HTML) 1 Page - Sensitron

  SHD122634D Datasheet HTML 1Page - Sensitron SHD122634D Datasheet HTML 2Page - Sensitron SHD122634D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 Phone (631) 586 7600 Fax (631) 242 9798 œ
œ World Wide Web Site - www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4665, REV. -
HIGH CURRENT HERMETIC SCHOTTKY
POWER MODULE
DESCRIPTION: A 100 VOLT, 150/120 AMP, POWER SCHOTTKY RECTIFIER IN A POTTED PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
100
Volts
MAXIMUM DC OUTPUT CURRENT @ TC=100
OC (P and N versions)
(per device)
IO
150
Amps
MAXIMUM DC OUTPUT CURRENT @ TC=100
OC (Single and D versions)
(per device)
IO
120
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(per leg)
(t = 8.3ms, Sine)
IFSM
1000
Amps
MAXIMUM JUNCTION CAPACITANCE
(Vr =5.0V)
(per leg)
CT
3000
pF
MAXIMUM THERMAL RESISTANCE
R JC
0.2
•C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/Tstg
-55 to
+ 200
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed
(If = 120 Amps) (per leg)
TJ = 25
•C
TJ = 125
•C
Vf
0.99
0.84
Volts
MAXIMUM REVERSE CURRENT (Ir @ 100 V PIV) (per leg)
TJ = 25
•C
TJ = 125
•C
Ir
0.06
6
mA
SHD122634
SHD122634P
SHD122634N
SHD122634D


Similar Part No. - SHD122634D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD122634D SENSITRON-SHD122634D Datasheet
57Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
More results

Similar Description - SHD122634D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114668P SENSITRON-SHD114668P Datasheet
73Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD123612P SENSITRON-SHD123612P Datasheet
77Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122612 SENSITRON-SHD122612 Datasheet
78Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636 SENSITRON-SHD122636 Datasheet
81Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122634 SENSITRON-SHD122634_08 Datasheet
57Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122622 SENSITRON-SHD122622 Datasheet
72Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122636 SENSITRON-SHD122636_08 Datasheet
58Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD114668P SENSITRON-SHD114668P_11 Datasheet
63Kb / 2P
   HIGH CURRENT HERMETIC SCHOTTKY POWER MODULE
SHD122611P SENSITRON-SHD122611P Datasheet
81Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY
SHD122668P SENSITRON-SHD122668P Datasheet
57Kb / 3P
   HIGH CURRENT HERMETIC SCHOTTKY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com