Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S16101 Datasheet(PDF) 34 Page - Integrated Circuit Solution Inc

Part # IC42S16101
Description  512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16101 Datasheet(HTML) 34 Page - Integrated Circuit Solution Inc

Back Button IC42S16101 Datasheet HTML 30Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 31Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 32Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 33Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 34Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 35Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 36Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 37Page - Integrated Circuit Solution Inc IC42S16101 Datasheet HTML 38Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
IC42S16101
34
Integrated Circuit Solution Inc.
DR025-0F 01/17/2005
Burst Data Interruption U/LDQM Pins
(Write Cycle)
Burst data input can be temporarily interrupted (muted )
during a write cycle using the U/LDQM pins. Regardless of
the CAS latency, as soon as one of the U/LDQM pins goes
HIGH, the corresponding externally applied input data will
no longer be written to the device internal circuits.
Subsequently, the corresponding input continues to be
muted as long as that U/LDQM pin remains HIGH.
The IC42S16101 will revert to accepting input as soon as
Burst Read and Single Write
The burst read and single write mode is set up using the
mode register set command. During this operation, the
burst read cycle operates normally, but the write cycle only
writes a single data item for each write cycle. The CAS
latency and DQM latency are the same as in normal mode.
that pin is dropped to LOW and data will be written to the
device. This input control operates independently on a byte
basis with the UDQM pin controlling upper byte input (pin
I/O8 to I/O15) and the LDQM pin controlling the lower byte
input (pins I/O0 to I/O7).
Since the U/LDQM pins control the device input buffers
only, the cycle continues internally and, inparticular,
incrementing of the internal burst counter continues.
WRITE A0
COMMAND
I/O
CLK
DIN A0
WRITE (CA=A, BANK 0)
WRITE A0
COMMAND
UDQM
LDQM
I/O8-I/O15
I/O0-I/O7
CLK
DIN A1
WRITE (CA=A, BANK 0)
DATA MASK (LOWER BYTE)
DATA MASK (UPPER BYTE)
tDMD=0
DIN A2
DIN A3
DIN A0
DIN A3
Don’t Care
CAS latency = 2, 3
CAS latency = 2, burst length = 4


Similar Part No. - IC42S16101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5T ICSI-IC42S16100-5T Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TG ICSI-IC42S16100-5TG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TI ICSI-IC42S16100-5TI Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TIG ICSI-IC42S16100-5TIG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S16101

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com