Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT8659 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT8659
Description  Voice Recorder (DRAM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8659 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT8659 Datasheet HTML 1Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT8658/HT8659
Voice Recorder (DRAM)
Pin Assignment
Features
Single power supply: 4.5V~5.5V
ADM coding algorithm
DRAM options:
4
×256K bits
3
×1M bits
A built-in 2 stage MIC amplifier
A built-in low pass filter
Data rate options (bits per second):
32K bps
22K bps
16K bps
11K bps
A status LED indicator
Auto playback
General Description
The HT8658/HT8659 are single chip CMOS
LSIs using an ADM coding technology. They are
designed for applications on recording sounds.
The HT8658 and HT8659 have almost the same
functions apart from the reset time. The reset
time of the HT8658 has to be over 4 seconds but
of the HT8659 over 2 seconds.
Blocks within each chip include a DRAM inter-
face circuit, signal amplifier, 8 bit ADC and
internal low pass filter. Encoded data are stored
in external DRAMs and played back after the
PLYB pin be triggered. Each IC provides four
kinds of sampling rate to be selected, namely
32K/22K/16K/11K bps (bits per second). A
higher sampling rate results in sounds of better
quality but sacrifices the recording time. With
such a powerful built-in circuit, only few compo-
nents are required for normal applications.
Each IC can be offered in a dice form or 28 pin
dual-in-line package.
AS4
AS3
AS2
AS1
AS0
VDD
AIN
AO
BIAS
FOUT
VSS
CAS1B
CAS2B
CAS3B
AS5
AS6
AS7
AS8
AS9
OSC1
OSC2
DATA
RASB
WRB
RESB
RECB
PLYB
LEDB
AS4
AS3
AS2
AS1
AS0
VDD
AIN
AO
BIAS
VOUT
VSS
CAS1B
CAS2B
CAS3B
AS5
AS6
AS7
AS8
AS9
OSC1
OSC2
DATA
RASB
WRB
RESB
RECB
PLYB
LEDB
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HT8658A/8659A
– 28 DIP
HT8658B/8659B
– 28 DIP
Applications
Message box
Recorder
Toys
1
26th Sep ’96


Similar Part No. - HT8659

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8656 HOLTEK-HT8656 Datasheet
646Kb / 11P
   Talking Back
HT8656A HOLTEK-HT8656A Datasheet
646Kb / 11P
   Talking Back
HT8656B HOLTEK-HT8656B Datasheet
646Kb / 11P
   Talking Back
HT86576 HOLTEK-HT86576 Datasheet
368Kb / 39P
   Voice Synthesizer 8-Bit MCU
More results

Similar Description - HT8659

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1820 ETC2-ISD1820 Datasheet
298Kb / 5P
   Voice Recorder
logo
Silicon Laboratories
VOICE-RECORD-RD SILABS-VOICE-RECORD-RD Datasheet
573Kb / 10P
   VOICE RECORDER REFERENCE DESIGN KIT USER?셎
logo
OKI electronic componet...
MSM6679AL-110 OKI-MSM6679AL-110 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6679A-110 OKI-MSM6679A-110 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
logo
Macronix International
MX93521 MCNIX-MX93521 Datasheet
290Kb / 57P
   ALL DIGITAL VOICE RECORDER MACHINE BASED ON THE MX93521 VOCODER CHIP
logo
TT Electronics.
DS7001 TTELEC-DS7001 Datasheet
369Kb / 3P
   Nanodac Recorder
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
   PC Recorder Series PC RECORDER SOFTWARE PACKAGE
logo
Fuji Electric
EDS10-75J FUJI-EDS10-75J Datasheet
772Kb / 12P
   PAPERLESS RECORDER
EDS10-77E FUJI-EDS10-77E Datasheet
606Kb / 8P
   PAPERLESS RECORDER
EDS10-79C FUJI-EDS10-79C Datasheet
829Kb / 12P
   PAPERLESS RECORDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com