Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66503 Datasheet(PDF) 26 Page - Hitachi Semiconductor

Part # HD66503
Description  (240-Channel Common Driver with Internal LCD Timing Circuit)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66503 Datasheet(HTML) 26 Page - Hitachi Semiconductor

Back Button HD66503 Datasheet HTML 19Page - Hitachi Semiconductor HD66503 Datasheet HTML 20Page - Hitachi Semiconductor HD66503 Datasheet HTML 21Page - Hitachi Semiconductor HD66503 Datasheet HTML 22Page - Hitachi Semiconductor HD66503 Datasheet HTML 23Page - Hitachi Semiconductor HD66503 Datasheet HTML 24Page - Hitachi Semiconductor HD66503 Datasheet HTML 25Page - Hitachi Semiconductor HD66503 Datasheet HTML 26Page - Hitachi Semiconductor HD66503 Datasheet HTML 27Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
HD66503
952
AC Characteristics (V
CC = 2.7 to 5.5V, VCC–VEE = 8 to 28V, GND = 0V, Ta = –20 to +75°C)
Slave Mode (M/
$$ = GND)
Item
Symbol
Min
Typ
Max
Unit
Notes
CL1 high-level width
t
CWH
500
ns
1
CL1 low-level width
t
CWL
500
ns
1
FLM setup time
t
FS
100
ns
1
FLM hold time
t
FH
100
ns
1
CL1 rise time
t
r
——
50
ns
1
CL1 fall time
t
f
——
50
ns
1
Note:
1. Based on the load circuit shown in Figure 22.
30 pF (including jig capacitance)
Test point
Figure 22 Load Circuit
0.8 VCC
tFS
tCWH
0.2 VCC
tr
tf
tFH
0.8 VCC
0.2 VCC
tCWL
CL1
FLM
Figure 23 Slave Mode Timing


Similar Part No. - HD66503

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66520 HITACHI-HD66520 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
HD66520TA0 HITACHI-HD66520TA0 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
HD66520TB0 HITACHI-HD66520TB0 Datasheet
338Kb / 45P
   160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM
HD66523 HITACHI-HD66523 Datasheet
145Kb / 19P
   (240-Channel Common Driver with Internal LCD Timing Circuit)
More results

Similar Description - HD66503

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66523 HITACHI-HD66523 Datasheet
145Kb / 19P
   (240-Channel Common Driver with Internal LCD Timing Circuit)
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
   240 Output LCD Segment/Common Driver
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
   240 Output LCD Segment/Common Driver
logo
NEC
UPD161831 NEC-UPD161831 Datasheet
824Kb / 67P
   240/244-OUTPUT TFT-LCD SOURCE DRIVER WITH TIMING GENERATOR
logo
Taiwan Memory Technolog...
T66H0001A TMT-T66H0001A Datasheet
343Kb / 35P
   240 output LCD Segment/Common Driver IC
logo
Sharp Corporation
LH1562 SHARP-LH1562 Datasheet
219Kb / 28P
   240-output LCD Segment/Common Driver IC
logo
List of Unclassifed Man...
HX8609A ETC1-HX8609A Datasheet
138Kb / 2P
   240 Channel TFT Gate Driver with Internal Power IC
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
   High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com