Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD66503 Datasheet(PDF) 22 Page - Hitachi Semiconductor

Part No. HD66503
Description  (240-Channel Common Driver with Internal LCD Timing Circuit)
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD66503 Datasheet(HTML) 22 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
HD66503
948
Electrical Characteristics
DC Characteristics (V
CC = 2.7 to 5.5V, VCC–VEE = 8 to 28V, GND = 0V, Ta = –20 to +75°C)
Item
Symbol
Min
Typ
Max
Unit
Measurement
Condition
Notes
Input high level
voltage
VIH
0.8 V
CC
—V
CC
V1
Input low level
voltage
VIL
0
0.2 V
CC
V1
Output high
level voltage
VOH
V
CC–0.4
V
I
OH = –0.4 mA
2
Output low
level voltage
VOL
0.4
V
I
OL = +0.4 mA
2
Driver “on”
resistance
R
ON
2.0
k
V
CC–VEE = 28V,
load current: ±150 µA
13, 14
Input leakage
current (1)
I
IL1
–1.0
1.0
µA
VIN = 0 to V
CC
1
Input leakage
current (2)
I
IL2
–25
25
µA
VIN = V
EE to VCC
3
Operating
frequency (1)
f
opr1
10
200
kHz
Master mode
(external clock operation)
4
Operating
frequency (2)
f
opr2
5
500
kHz
Slave mode
5
Oscillation
frequency (1)
f
OSC1
70
100
130
kHz
C
f = 100 pF ±5%,
R
f = 51 kΩ ±2%
6, 12
Oscillation
frequency (2)
f
OSC2
21
30
39
kHz
C
f = 100 pF ±5%,
R
f = 180 kΩ ±2%
6, 12
Power
consumption (1)
I
GND1
80
µA
Master mode
1/240 duty cycle,
C
f = 100 pF,
R
f = 180 kΩ
V
CC–GND = 3V,
V
CC–VEE = 28V
7, 8
Power
consumption (2)
I
GND2
20
µA
Master mode
1/240 duty cycle external
clock
f
opr1 = 30 kHz
V
CC–GND = 3V,
V
CC–VEE = 28V
7, 9
Power
consumption (3)
I
GND3
10
µA
Slave mode
1/240 duty cycle
during operation
f
CL = 15 kHz
V
CC–GND = 3V,
V
CC–VEE = 28V
7, 10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn