Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD66503 Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part No. HD66503
Description  (240-Channel Common Driver with Internal LCD Timing Circuit)
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

HD66503 Datasheet(HTML) 10 Page - Hitachi Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
HD66503
936
5. Display Off Control Circuit: Controls display-off function by using external display off signal
',636 and automatic display off signal FLMM generated by the liquid crystal timing generator.
Automatic display off signal FLMM is an internal signal that is used to turn off the display in four
frames after signal reset is released. As a result, it is possible to turn off display using the display off
signal that is sent randomly from an external LSI and automatically prevent incorrect display after
reset release.
6. Bidirectional Shift Register: This is a 240-bit bidirectional shift register. This register can change the
shift direction using signal SHL. During master mode, the scan signal of the common driver can be
generated by sequentially shifting first line marker signal FLM generated internally. During slave
mode, a scan signal is generated by sequentially shifting first line marker signal FLM input from pin
FLM.
7. Level Shifter: Boosts the logic signal to a high voltage signal for the LCD.
8. LCD Drive Circuit: One of the LCD levels V1, V2, V5, and V6 are selected and output via pin X
according to the combination of the data in the bidirectional shift register and signal M.
Table 6
Output Level of LCD Circuit
Data in the Shift Register
M
Output Level
11
V2
01
V6
10
V1
00
V5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn