Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD66421TB0 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HD66421TB0
Description  (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD66421TB0 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HD66421TB0 Datasheet HTML 1Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 2Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 3Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 4Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 5Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 6Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 7Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 8Page - Hitachi Semiconductor HD66421TB0 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Preliminary
Rev. 1.1E '99.02.10
HD66421
Pad Location Coordinate
No.
PAD NAME
X
Y
No.
PAD NAME
X
Y
No.
PAD NAME
X
Y
1
COM1
-4217
1731
31
COM31
-4217
230
61
SEG11
-4217
-1299
2
COM2
-4217
1681
32
COM32
-4217
179
62
SEG12
-4217
-1349
3
COM3
-4217
1631
33
COM33
-4217
129
63
SEG13
-4217
-1399
4
COM4
-4217
1581
34
COM34
-4217
79
64
SEG14
-4217
-1449
5
COM5
-4217
1531
35
COM35
-4217
29
65
SEG15
-4217
-1499
6
COM6
-4217
1481
36
COM36
-4217
-21
66
SEG16
-4217
-1549
7
COM7
-4217
1430
37
COM37
-4217
-71
67
SEG17
-4217
-1599
8
COM8
-4217
1380
38
COM38
-4217
-121
68
SEG18
-4217
-1649
9
COM9
-4217
1330
39
COM39
-4217
-171
69
SEG19
-4217
-1699
10
COM10
-4217
1280
40
COM40
-4217
-221
70
SEG20
-4217
-1749
11
COM11
-4217
1230
41
COM41
-4217
-271
71
SEG21
-4217
-1799
12
COM12
-4217
1180
42
COM42
-4217
-321
72
SEG22
-4217
-1849
13
COM13
-4217
1130
43
COM43
-4217
-371
73
SEG23
-4217
-1899
14
COM14
-4217
1080
44
COM44
-4217
-421
74
SEG24
-4217
-1949
15
COM15
-4217
1030
45
COM45
-4217
-471
75
dummy A
-4217
-2082
16
COM16
-4217
980
46
COM46
-4217
-521
76
dummy 1
-4029
-2082
17
COM17
-4217
930
47
COM47
-4217
-571
77
dummy 2
-3907
-2082
18
COM18
-4217
880
48
COM48
-4217
-621
78
dummy 3
-3827
-2082
19
COM19
-4217
830
49
COM49
-4217
-671
79
dummy 4
-3619
-2082
20
COM20
-4217
780
50
COM50
-4217
-721
80
dummy 5
-3497
-2075
21
COM21
-4217
730
51
SEG1
-4217
-798
81
dummy 6
-3419
-2075
22
COM22
-4217
680
52
SEG2
-4217
-848
82
SEG25
-2822
-2082
23
COM23
-4217
630
53
SEG3
-4217
-898
83
SEG26
-2772
-2082
24
COM24
-4217
580
54
SEG4
-4217
-948
84
SEG27
-2722
-2082
25
COM25
-4217
530
55
SEG5
-4217
-998
85
SEG28
-2672
-2082
26
COM26
-4217
480
56
SEG6
-4217
-1049
86
SEG29
-2622
-2082
27
COM27
-4217
430
57
SEG7
-4217
-1099
87
SEG30
-2572
-2082
28
COM28
-4217
380
58
SEG8
-4217
-1149
88
SEG31
-2522
-2082
29
COM29
-4217
330
59
SEG9
-4217
-1199
89
SEG32
-2472
-2082
30
COM30
-4217
280
60
SEG10
-4217
-1249
90
SEG33
-2422
-2082
GND7
COM1
SEG24
dummyA
dummy1
GND8
dummy12
dummy8
SEG137
COM100
GND1
GND2
Type code
HD66421
Pad Arrangement
Chip size
: 8.99 x 4.72 mm
Coordinate : Pad center
Origin
: Chip Center
Bump size : GND1, GND8, dummy A, dummy B
70 x 70 µm
Power, I/O (Pad No. 276 to 321)
50 x 70 µm
COM1 - 100, SEG1 - 160, dummy1 -12
35 x 50 µm
3


Similar Part No. - HD66421TB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
More results

Similar Description - HD66421TB0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66420 HITACHI-HD66420 Datasheet
167Kb / 52P
   (RAM-Provided 160 Channel 4-Level Grey Scale Driver for Dot Matrix Graphics LCD)
HD66108 HITACHI-HD66108 Datasheet
337Kb / 60P
   (RAM-Provided 165-Channel LCD Driver for Liquid Crystal Dot Matrix Graphics)
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
   4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
   160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
[Old version datasheet]   160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
   4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
   4 Gray Scale Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8820 PHILIPS-PCF8820 Datasheet
316Kb / 60P
   67 x 101 Grey-scale/ECB colour dot matrix LCD driver
2000 Dec 07
logo
OKI electronic componet...
MSM6794 OKI-MSM6794 Datasheet
170Kb / 34P
   DOT MATRIX LCD DRIVER WITH 128-CHANNEL RAM
logo
Sitronix Technology Co....
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
   16 Gray Scale Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com