Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD120244 Datasheet(PDF) 1 Page - Sensitron

Part # SHD120244
Description  HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD120244 Datasheet(HTML) 1 Page - Sensitron

  SHD120244 Datasheet HTML 1Page - Sensitron SHD120244 Datasheet HTML 2Page - Sensitron SHD120244 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SHD120244
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4659, REV. —
HERMETIC SCHOTTKY RECTIFIER
Low Forward Voltage Drop
Features:
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward Current
IF(AV)
50% duty cycle, rectangular
wave form (Single)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
(per leg)
150
A
Non-Repetitive Avalanche Energy
EAS
TJ = 25 °C, IAS = 3.0 A,
L = 4.4 mH (per leg)
20
mJ
Repetitive Avalanche Current
IAR
IAS decay linearly to 0 in 1 µs
ƒ limited by T
J max VA=1.5VR
3.0
A
Maximum Thermal Resistance
RθJC
(Single)
1.21
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 15A, Pulse, TJ = 25 °C
0.93
V
(per leg)
VF2
@ 15A, Pulse, TJ = 125 °C
0.77
V
Max. Reverse Current
IR1
@VR = 100V, Pulse,
TJ = 25 °C
0.35
mA
(per leg)
IR2
@VR = 100V, Pulse,
TJ = 125 °C
8.0
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
500
pF
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •


Similar Part No. - SHD120244

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120245 SENSITRON-SHD120245 Datasheet
82Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120245P SENSITRON-SHD120245P Datasheet
82Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120246 SENSITRON-SHD120246 Datasheet
95Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results

Similar Description - SHD120244

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115244 SENSITRON-SHD115244 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036 Datasheet
96Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120036 SENSITRON-SHD120036_08 Datasheet
62Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115536 SENSITRON-SHD115536_08 Datasheet
52Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118536 SENSITRON-SHD118536_08 Datasheet
58Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD120444 SENSITRON-SHD120444 Datasheet
65Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115144 SENSITRON-SHD115144 Datasheet
147Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD115236 SENSITRON-SHD115236 Datasheet
149Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118134 SENSITRON-SHD118134 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
SHD118436 SENSITRON-SHD118436 Datasheet
94Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com