Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD120022P Datasheet(PDF) 2 Page - Sensitron

Part # SHD120022P
Description  HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD120022P Datasheet(HTML) 2 Page - Sensitron

  SHD120022P Datasheet HTML 1Page - Sensitron SHD120022P Datasheet HTML 2Page - Sensitron SHD120022P Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON
SHD120022
SHD120022P
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 4646, REV. -
Mechanical Dimensions: in Inches / mm
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
LCC-5
SINGLE
1
2
3
PINOUT TABLE
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
Note: The Vf curves shown are for the SD60SB45 unpackaged die only.
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - V
F (V)
10
0
101
Typical Forward Characteristics
125 °C
175 °C
25 °C
0
1020
304050
Reverse Voltage - V
R (V)
10
-4
10
-3
10-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
175 °C
0
1020304050
Reverse Voltage - V
R (V)
50
75
100
125
150
Typical Junction Capacitance


Similar Part No. - SHD120022P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120024 SENSITRON-SHD120024 Datasheet
95Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD120022P

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD115112 SENSITRON-SHD115112 Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115511 SENSITRON-SHD115511 Datasheet
146Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118112 SENSITRON-SHD118112 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118211 SENSITRON-SHD118211 Datasheet
93Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118522 SENSITRON-SHD118522 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118513 SENSITRON-SHD118513 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD120068 SENSITRON-SHD120068 Datasheet
83Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD120213 SENSITRON-SHD120213_09 Datasheet
46Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD115134 SENSITRON-SHD115134_08 Datasheet
52Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118523 SENSITRON-SHD118523_08 Datasheet
47Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD118511 SENSITRON-SHD118511 Datasheet
92Kb / 3P
   HERMETIC SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com